Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEMO9S08MP16 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # DEMO9S08MP16
Description  DEMO9S08MP16 User Manual
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DEMO9S08MP16 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button DEMO9S08MP16 Datasheet HTML 14Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 15Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 16Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 17Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 18Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 19Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 20Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 21Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
14
DEMO9S08MP16 User Manual
Figure 6-1: Logic Analyzer Application
This PC-based application is used to display the logic analyzer data on the
PC. The logic analyzer data is displayed in real-time and each waveform may
be paused, zoomed, and printed.
To start using this application, please plug in a USB cable into the
DEMO9S08MP16 board. Once the USB and Power LEDs light up, indicating
the proper enumeration on the USB port, click on the Open DEMO and Graph
Pins button. The logic channel graphs should be reflecting data captured from
the IO pins connected to the IN0 and IN1 header pins on the
DEMO9S08MP16 evaluation board.
This PC-based application is included on the DVD-ROM that accompanies
the DEMO9S08MP16, and may also be found at:
http://www.pemicro.com/fixedlinks/demotoolkit.cfm.
6.2
Terminal Application
This PC-based application acts as a standard serial port terminal application
on the PC. It works with standard serial ports as well as the virtual serial port
on the DEMO9S08MP16 board. The application includes settings to adjust
the COM port number, baud rate, parity, and number of data bits. There is a
button to take a file on the PC and transmit it out of the serial port. There are
also delays which are automatically inserted into the transmission output to
prevent overruns. It is recommended that these defaults not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com