Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEMO9S08MP16 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # DEMO9S08MP16
Description  DEMO9S08MP16 User Manual
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DEMO9S08MP16 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button DEMO9S08MP16 Datasheet HTML 2Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 3Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 4Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 5Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 6Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 7Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 8Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 9Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
2
DEMO9S08MP16 User Manual
•
P&E Embedded Multilink Toolkit applications
•
P&E Embedded Multilink driver installation guide and resources
1.5
Handling Precautions
Take care to handle the package contents in a manner such as to prevent
electrostatic discharge.
2
HARDWARE FEATURES
The DEMO9S08MP16 is a demonstration and development system for
Freescale’s MC9S08MP16 microcontrollers. Application development is quick
and easy using P&E’s Embedded Multilink circuitry and the included software
tools and examples. An optional BDM port is provided to allow the use of an
external BDM interface such as P&E’s Cyclone PRO automated programmer
or USB Multilink. The USB Multilink is functionally comparable to the
DEMO9S08MP16’s Embedded Multilink circuitry.
Note:
The DEMO board’s onboard Embedded Multilink circuitry is intended to
function with the onboard processor only. It cannot be used to communicate
with other devices.
2.1
DEMO9S08MP16 Features
•
On-board Logic Analyzer
•
On-board Virtual Serial Port
•
P&E’s Embedded Multilink circuitry populated on the underside
•
SCI signals connected to P&E’s Embedded Multilink through jumpers
•
ON/OFF Power Switch (and power input source selector) w/ LED
indicator
•
A 6VDC power supply input barrel connector
•
Power Input Selection Jumpers for selecting the input voltage source:
•
5V from Embedded Multilink or LDO regulator
•
Power from APMOTOR Port which might be 5V or 3.3V
•
RESET Push Button and LED indicator w/ Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com