Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B65807 Datasheet(PDF) 7 Page - EPCOS

Part # B65807
Description  Ferrites and accessories
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65807 Datasheet(HTML) 7 Page - EPCOS

Back Button B65807 Datasheet HTML 3Page - EPCOS B65807 Datasheet HTML 4Page - EPCOS B65807 Datasheet HTML 5Page - EPCOS B65807 Datasheet HTML 6Page - EPCOS B65807 Datasheet HTML 7Page - EPCOS B65807 Datasheet HTML 8Page - EPCOS B65807 Datasheet HTML 9Page - EPCOS B65807 Datasheet HTML 10Page - EPCOS B65807 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former for SMPS transformers with line isolation
The creepage distances and clearances are designed such that the coil former is suitable for use
in SMPS transformers with line isolation.
■
Closed center flange with external wire guide
■
Pins squared in the start-of-winding area
■
Optimized for use with automatic winding machines
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
C), color code black
Sumikon PM 9630® E41429 (M), SUMITOMO BAKELITE CO LTD
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
C, 3.5 s
Winding:
see Data Book 2013, chapter “Processing notes, 2.1”
Sections
AN
mm2
lN
mm
AR value

Pins
Ordering code
2
14
30
73
8
B65808S1108D002
B65808
Accessories
RM 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com