Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B65807 Datasheet(PDF) 3 Page - EPCOS

Part # B65807
Description  Ferrites and accessories
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65807 Datasheet(HTML) 3 Page - EPCOS

  B65807 Datasheet HTML 1Page - EPCOS B65807 Datasheet HTML 2Page - EPCOS B65807 Datasheet HTML 3Page - EPCOS B65807 Datasheet HTML 4Page - EPCOS B65807 Datasheet HTML 5Page - EPCOS B65807 Datasheet HTML 6Page - EPCOS B65807 Datasheet HTML 7Page - EPCOS B65807 Datasheet HTML 8Page - EPCOS B65807 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
To IEC 62317-4
■
Core without center hole
for transformer applications
■
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
with
center hole
without
center hole
l/A
le
Ae
Amin
Ve
0.86
26.9
31.3
—
840
0.78
28.6
36.6
31
1050
mm–1
mm
mm2
mm2
mm3
m
4.9
5.1
g
Material
AL value
nH
s
approx.
mm
e
Ordering code1)
-J without center hole
-N with threaded sleeve
-C with center hole
K1
40
3%
0.80
27.4
B65807+0040A001
M33
63
3%
0.60
43.2
B65807+0063A033
100
3%
0.38
68.5
B65807+0100A033
N48
160
3%
0.22
109
B65807+0160A048
250
3%
0.12
171
B65807+0250A048
315
3%
0.08
215
B65807+0315A048
400
3%
0.05
274
B65807+0400A048
N41
250
3%
0.17
155
B65807J0250A041
1) Replace the + by the code letter “C” or “N” for the required version. Standard version is “C”.
B65807
Core
RM 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com