Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B65807 Datasheet(PDF) 6 Page - EPCOS

Part # B65807
Description  Ferrites and accessories
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65807 Datasheet(HTML) 6 Page - EPCOS

Back Button B65807 Datasheet HTML 2Page - EPCOS B65807 Datasheet HTML 3Page - EPCOS B65807 Datasheet HTML 4Page - EPCOS B65807 Datasheet HTML 5Page - EPCOS B65807 Datasheet HTML 6Page - EPCOS B65807 Datasheet HTML 7Page - EPCOS B65807 Datasheet HTML 8Page - EPCOS B65807 Datasheet HTML 9Page - EPCOS B65807 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former, pins squared in the start-of-winding area
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
H
max. operating temperature 180
C), color code white
Bakelite UP 3420® E61040 (M), HEXION SPECIALTY CHEMICALS GMBH
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
C, 3.5 s
Winding:
see Data Book 2013, chapter “Processing notes, 2.1”
For matching clamp and insulating washers see page 9.
Sections
AN
mm2
lN
mm
AR value

Pins
Ordering code
1
15
30
69
4
B65808P1004D001
5
B65808P1005D001
6
B65808P1006D001
B65808
Accessories
RM 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com