Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220E/SSSQTP Datasheet(PDF) 242 Page - Microchip Technology

Part # PIC18F1220E/SSSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220E/SSSQTP Datasheet(HTML) 242 Page - Microchip Technology

Back Button PIC18F1220E/SSSQTP Datasheet HTML 238Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 239Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 240Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 241Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 242Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 243Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 244Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 245Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 308 page
background image
PIC18F1220/1320
DS39605F-page 240
© 2007 Microchip Technology Inc.
22.1
DC Characteristics: Supply Voltage
PIC18F1220/1320 (Industrial)
PIC18LF1220/1320 (Industrial)
PIC18LF1220/1320
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F1220/1320
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
VDD
Supply Voltage
D001
PIC18LF1220/1320
2.0
—
5.5
V
HS, XT, RC and LP Oscillator mode
PIC18F1220/1320
4.2
—
5.5
V
D002
VDR
RAM Data Retention
Voltage(1)
1.5
—
—
V
D003
VPOR
VDD Start Voltage to ensure
internal Power-on Reset signal
—
—
0.7
V
See Section 4.1 “Power-on Reset (POR)”
for details.
D004
SVDD
VDD Rise Rate to ensure
internal Power-on Reset signal
0.05
—
—
V/ms See Section 4.1 “Power-on Reset (POR)”
for details.
VBOR
Brown-out Reset Voltage
D005D
PIC18LF1220/1320 Industrial Low Voltage (-10
°C to +85°C)
BORV1:BORV0 = 11
N/A
N/A
N/A
V
Reserved
BORV1:BORV0 = 10
2.50
2.72
2.94
V
BORV1:BORV0 = 01
3.88
4.22
4.56
V
(Note 2)
BORV1:BORV0 = 00
4.18
4.54
4.90
V
(Note 2)
D005F
PIC18LF1220/1320 Industrial Low Voltage (-40
°C to -10°C)
BORV1:BORV0 = 11
N/A
N/A
N/A
V
Reserved
BORV1:BORV0 = 10
2.34
2.72
3.10
V
BORV1:BORV0 = 01
3.63
4.22
4.81
V
(Note 2)
BORV1:BORV0 = 00
3.90
4.54
5.18
V
(Note 2)
D005G
PIC18F1220/1320 Industrial (-10
°C to +85°C)
BORV1:BORV0 = 1x
N/A
N/A
N/A
V
Reserved
BORV1:BORV0 = 01
3.88
4.22
4.56
V
(Note 2)
BORV1:BORV0 = 00
4.18
4.54
4.90
V
(Note 2)
D005H
PIC18F1220/1320 Industrial (-40
°C to -10°C)
BORV1:BORV0 = 1x
N/A
N/A
N/A
V
Reserved
BORV1:BORV0 = 01
N/A
N/A
N/A
V
Reserved
BORV1:BORV0 = 00
3.90
4.54
5.18
V
(Note 2)
D005J
PIC18F1220/1320 Extended (-10
°C to +85°C)
BORV1:BORV0 = 1x
N/A
N/A
N/A
V
Reserved
BORV1:BORV0 = 01
3.88
4.22
4.56
V
(Note 3)
BORV1:BORV0 = 00
4.18
4.54
4.90
V
(Note 3)
D005K
PIC18F1220/1320 Extended (-40
°C to -10°C, +85°C to +125°C)
BORV1:BORV0 = 1x
N/A
N/A
N/A
V
Reserved
BORV1:BORV0 = 01
N/A
N/A
N/A
V
Reserved
BORV1:BORV0 = 00
3.90
4.54
5.18
V
(Note 3)
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
This is the limit to which VDD can be lowered in Sleep mode, or during a device Reset, without losing RAM data.
2:
When BOR is on and BORV<1:0> = 0x, the device will operate correctly at 40 MHz for any VDD at which the BOR allows
execution (low-voltage and industrial devices only).
3:
When BOR is on and BORV<1:0> = 0x, the device will operate correctly at 25 MHz for any VDD at which the BOR allows
execution (extended devices only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com