Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220E/SSSQTP Datasheet(PDF) 246 Page - Microchip Technology

Part # PIC18F1220E/SSSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220E/SSSQTP Datasheet(HTML) 246 Page - Microchip Technology

Back Button PIC18F1220E/SSSQTP Datasheet HTML 242Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 243Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 244Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 245Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 246Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 247Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 248Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 249Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 250Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 308 page
background image
PIC18F1220/1320
DS39605F-page 244
© 2007 Microchip Technology Inc.
Supply Current (IDD)(2,3)
PIC18LF1220/1320
140
275
μA
-40°C
FOSC = 4 MHz
(RC_IDLE mode,
Internal oscillator source)
140
275
μA+25°C
VDD = 2.0V
150
275
μA+85°C
PIC18LF1220/1320
220
375
μA
-40°C
220
375
μA+25°C
VDD = 3.0V
220
375
μA+85°C
All devices
390
800
μA
-40°C
VDD = 5.0V
400
800
μA+25°C
380
800
μA+85°C
Extended devices
410
800
μA
+125°C
PIC18LF1220/1320
150
250
μA
-40°C
FOSC = 1 MHZ
(PRI_RUN mode,
EC oscillator)
150
250
μA+25°C
VDD = 2.0V
160
250
μA+85°C
PIC18LF1220/1320
340
350
μA
-40°C
300
350
μA+25°C
VDD = 3.0V
280
350
μA+85°C
All devices
0.72
1.0
mA
-40°C
VDD = 5.0V
0.63
1.0
mA
+25°C
0.58
1.0
mA
+85°C
Extended devices
0.53
1.0
mA
+125°C
22.2
DC Characteristics: Power-Down and Supply Current
PIC18F1220/1320 (Industrial)
PIC18LF1220/1320 (Industrial) (Continued)
PIC18LF1220/1320
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F1220/1320
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that add delta
current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.
4:
Standard low-cost 32 kHz crystals have an operating temperature range of -10°C to +70°C. Extended temperature
crystals are available at a much higher cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com