Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220E/SSSQTP Datasheet(PDF) 259 Page - Microchip Technology

Part # PIC18F1220E/SSSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220E/SSSQTP Datasheet(HTML) 259 Page - Microchip Technology

Back Button PIC18F1220E/SSSQTP Datasheet HTML 255Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 256Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 257Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 258Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 259Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 260Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 261Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 262Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 263Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 257
PIC18F1220/1320
22.4.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 22-6:
EXTERNAL CLOCK TIMING (ALL MODES EXCEPT PLL)
TABLE 22-4:
EXTERNAL CLOCK TIMING REQUIREMENTS
OSC1
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
1A
FOSC
External CLKI Frequency(1)
DC
40
MHz
EC, ECIO (LF and Industrial)
DC
25
MHz
EC, ECIO (Extended)
Oscillator Frequency(1)
DC
4
MHz
RC oscillator
DC
1
MHz
XT oscillator
DC
25
MHz
HS oscillator
1
10
MHz
HS + PLL oscillator
DC
33
kHz
LP Oscillator mode
1TOSC
External CLKI Period(1)
25
—
ns
EC, ECIO (LF and Industrial)
40
—
ns
EC, ECIO (Extended)
Oscillator Period(1)
250
—
ns
RC oscillator
1000
—
ns
XT oscillator
25
100
—
1000
ns
ns
HS oscillator
HS + PLL oscillator
30
—
μs
LP oscillator
2TCY
Instruction Cycle Time(1)
100
—
ns
TCY = 4/FOSC
3
TosL,
TosH
External Clock in (OSC1)
High or Low Time
30
—
ns
XT oscillator
2.5
—
μs
LP oscillator
10
—
ns
HS oscillator
4TosR,
TosF
External Clock in (OSC1)
Rise or Fall Time
—
20
ns
XT oscillator
—
50
ns
LP oscillator
—
7.5
ns
HS oscillator
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period for all configurations
except PLL. All specified values are based on characterization data for that particular oscillator type under
standard operating conditions, with the device executing code. Exceeding these specified limits may result
in an unstable oscillator operation and/or higher than expected current consumption. All devices are tested
to operate at “min.” values with an external clock applied to the OSC1/CLKI pin. When an external clock
input is used, the “max.” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com