| Electronic Components Datasheet Search |
|
PIC12F509TE/ST Datasheet(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509TE/ST Datasheet(HTML) 43 Page - Microchip Technology |
|
43 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 43 PIC12F508/509/16F505 REGISTER 7-2: CONFIGURATION WORD FOR PIC16F505(1) — — — — — — MCLRE CP WDTE FOSC2 FOSC1 FOSC0 bit 11 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 11-6 Unimplemented: Read as ‘0’ bit 5 MCLRE: RB3/MCLR Pin Function Select bit 1 = RB3/MCLR pin function is MCLR 0 = RB3/MCLR pin function is digital input, MCLR internally tied to VDD bit 4 CP: Code Protection bit 1 = Code protection off 0 = Code protection on bit 3 WDTE: Watchdog Timer Enable bit 1 = WDT enabled 0 = WDT disabled bit 2-0 FOSC<1:0>: Oscillator Selection bits 111 = External RC oscillator/CLKOUT function on RB4/OSC2/CLKOUT pin 110 = External RC oscillator/RB4 function on RB4/OSC2/CLKOUT pin 101 = Internal RC oscillator/CLKOUT function on RB4/OSC2/CLKOUT pin 100 = Internal RC oscillator/RB4 function on RB4/OSC2/CLKOUT pin 011 = EC oscillator/RB4 function on RB4/OSC2/CLKOUT pin 010 = HS oscillator 001 = XT oscillator 000 = LP oscillator Note 1: Refer to the “PIC16F505 Memory Programming Specifications” (DS41226) to determine how to access the Configuration Word. The Configuration Word is not user addressable during device operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |