| Electronic Components Datasheet Search |
|
PIC12F509TE/ST Datasheet(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509TE/ST Datasheet(HTML) 47 Page - Microchip Technology |
|
47 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 47 PIC12F508/509/16F505 7.3 Reset The device differentiates between various kinds of Reset: • Power-on Reset (POR) •MCLR Reset during normal operation •MCLR Reset during Sleep • WDT time-out Reset during normal operation • WDT time-out Reset during Sleep • Wake-up from Sleep on pin change Some registers are not reset in any way, they are unknown on POR and unchanged in any other Reset. Most other registers are reset to “Reset state” on Power-on Reset (POR), MCLR, WDT or Wake-up on pin change Reset during normal operation. They are not affected by a WDT Reset during Sleep or MCLR Reset during Sleep, since these Resets are viewed as resumption of normal operation. The exceptions to this are TO, PD and RBWUF/GPWUF bits. They are set or cleared differently in different Reset situations. These bits are used in software to determine the nature of Reset. See Table 7-4 for a full description of Reset states of all registers. TABLE 7-3: RESET CONDITIONS FOR REGISTERS – PIC12F508/509 Register Address Power-on Reset MCLR Reset, WDT Time-out, Wake-up On Pin Change W— qqqq qqqu(1) qqqq qqqu(1) INDF 00h xxxx xxxx uuuu uuuu TMR0 01h xxxx xxxx uuuu uuuu PC 02h 1111 1111 1111 1111 STATUS 03h 0001 1xxx q00q quuu(2), (3) FSR(4) 04h 110x xxxx 11uu uuuu FSR(5) 04h 111x xxxx 111u uuuu OSCCAL 05h 1111 111- uuuu uuu- GPIO 06h --xx xxxx --uu uuuu OPTION — 1111 1111 1111 1111 TRIS — --11 1111 --11 1111 Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’, q = value depends on condition. Note 1: Bits <7:2> of W register contain oscillator calibration values due to MOVLW XX instruction at top of memory. 2: See Table 7-5 for Reset value for specific conditions. 3: If Reset was due to wake-up on pin change, then bit 7 = 1. All other Resets will cause bit 7 = 0. 4: PIC12F509 only. 5: PIC12F508 only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |