| Electronic Components Datasheet Search |
|
PIC12F509TE/ST Datasheet(PDF) 55 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509TE/ST Datasheet(HTML) 55 Page - Microchip Technology |
|
55 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 55 PIC12F508/509/16F505 7.9 Power-down Mode (Sleep) A device may be powered down (Sleep) and later powered up (wake-up from Sleep). 7.9.1 SLEEP The Power-Down mode is entered by executing a SLEEP instruction. If enabled, the Watchdog Timer will be cleared but keeps running, the TO bit (STATUS<4>) is set, the PD bit (STATUS<3>) is cleared and the oscillator driver is turned off. The I/O ports maintain the status they had before the SLEEP instruction was executed (driving high, driving low or high-impedance). For lowest current consumption while powered down, the T0CKI input should be at VDD or VSS and the (GP3/RB3)/MCLR/VPP pin must be at a logic high level if MCLR is enabled. 7.9.2 WAKE-UP FROM SLEEP The device can wake-up from Sleep through one of the following events: 1. An external Reset input on (GP3/RB3)/MCLR/ VPP pin, when configured as MCLR. 2. A Watchdog Timer time-out Reset (if WDT was enabled). 3. A change on input pin GP0/RB0, GP1/RB1, GP3/RB3 or RB4 when wake-up on change is enabled. These events cause a device Reset. The TO, PD and GPWUF/RBWUF bits can be used to determine the cause of device Reset. The TO bit is cleared if a WDT time-out occurred (and caused wake-up). The PD bit, which is set on power-up, is cleared when SLEEP is invoked. The GPWUF/RBWUF bit indicates a change in state while in Sleep at pins GP0/RB0, GP1/RB1, GP3/RB3 or RB4 (since the last file or bit operation on GP/RB port). The WDT is cleared when the device wakes from Sleep, regardless of the wake-up source. 7.10 Program Verification/Code Protection If the code protection bit has not been programmed, the on-chip program memory can be read out for verification purposes. The first 64 locations and the last location (OSCCAL) can be read, regardless of the code protection bit setting. The last memory location can be read regardless of the code protection bit setting on the PIC12F508/509/ 16F505 devices. 7.11 ID Locations Four memory locations are designated as ID locations where the user can store checksum or other code identification numbers. These locations are not accessible during normal execution, but are readable and writable during Program/Verify. Use only the lower 4 bits of the ID locations and always program the upper 8 bits as ‘0’s. 7.12 In-Circuit Serial Programming™ The PIC12F508/509/16F505 microcontrollers can be serially programmed while in the end application circuit. This is simply done with two lines for clock and data, and three other lines for power, ground and the programming voltage. This allows customers to manu- facture boards with unprogrammed devices and then program the microcontroller just before shipping the product. This also allows the most recent firmware, or a custom firmware, to be programmed. The devices are placed into a Program/Verify mode by holding the GP1/RB1 and GP0/RB0 pins low while raising the MCLR (VPP) pin from VIL to VIHH (see programming specification). GP1/RB1 becomes the programming clock and GP0/RB0 becomes the programming data. Both GP1/RB1 and GP0/RB0 are Schmitt Trigger inputs in this mode. After Reset, a 6-bit command is then supplied to the device. Depending on the command, 14 bits of program data are then supplied to or from the device, depending if the command was a Load or a Read. For complete details of serial programming, please refer to the PIC12F508/509/16F505 Programming Specifications. A typical In-Circuit Serial Programming connection is shown in Figure 7-15. Note: A Reset generated by a WDT time-out does not drive the MCLR pin low. Note: Caution: Right before entering Sleep, read the input pins. When in Sleep, wake- up occurs when the values at the pins change from the state they were in at the last reading. If a wake-up on change occurs and the pins are not read before re- entering Sleep, a wake-up will occur immediately even if no pins change while in Sleep mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |