Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC1050/T Datasheet(PDF) 31 Page - Texas Instruments

Part # CC1050/T
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/T Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC1050/T Datasheet HTML 27Page - Texas Instruments CC1050/T Datasheet HTML 28Page - Texas Instruments CC1050/T Datasheet HTML 29Page - Texas Instruments CC1050/T Datasheet HTML 30Page - Texas Instruments CC1050/T Datasheet HTML 31Page - Texas Instruments CC1050/T Datasheet HTML 32Page - Texas Instruments CC1050/T Datasheet HTML 33Page - Texas Instruments CC1050/T Datasheet HTML 34Page - Texas Instruments CC1050/T Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
CC1050
SWRS044
Page 31 of 40
MAIN Register (00h)
REGISTER
NAME
Default
value
Active
Description
MAIN[7]
-
-
-
Not used
MAIN[6]
F_REG
-
-
Selection of Frequency Register, 0 : Register A, 1 :
Register B
MAIN[5]
-
-
-
Not used
MAIN[4]
TX_PD
-
H
Power Down of Signal Interface and PA
MAIN[3]
FS_PD
-
H
Power Down of Frequency Synthesiser
MAIN[2]
CORE_PD
-
H
Power Down of Crystal Oscillator Core
MAIN[1]
BIAS_PD
-
H
Power Down of BIAS (Global_Current_Generator)
and Crystal Oscillator Buffer
MAIN[0]
RESET_N
-
L
Reset, active low. Writing RESET_N low will write default
values to all other registers than MAIN. Bits in MAIN do
not have a default value, and will be written directly
through the configurations interface. Must be set high to
complete reset.
FREQ_2A Register (01h)
REGISTER
NAME
Default
value
Active
Description
FREQ_2A[7:0]
FREQ_A[23:16]
01110101
-
8 MSB of frequency control word A
FREQ_1A Register (02h)
REGISTER
NAME
Default
value
Active
Description
FREQ_1A[7:0]
FREQ_A[15:8]
10100000
-
Bit 15 to 8 of frequency control word A
FREQ_0A Register (03h)
REGISTER
NAME
Default
value
Active
Description
FREQ_0A[7:0]
FREQ_A[7:0]
11001011
-
8 LSB of frequency control word A
FREQ_2B Register (04h)
REGISTER
NAME
Default
value
Active
Description
FREQ_2B[7:0]
FREQ_B[23:16]
01110101
-
8 MSB of frequency control word B
FREQ_1B Register (05h)
REGISTER
NAME
Default
value
Active
Description
FREQ_1B[7:0]
FREQ_B[15:8]
10100101
-
Bit 15 to 8 of frequency control word B
FREQ_0B Register (06h)
REGISTER
NAME
Default
value
Active
Description
FREQ_0B[7:0]
FREQ_B[7:0]
01001110
-
8 LSB of frequency control word B
FSEP1 Register (07h)
REGISTER
NAME
Default
value
Active
Description
FSEP1[7:3]
-
-
-
Not used
FSEP1[2:0]
FSEP_MSB[2:0]
000
-
3 MSB of frequency separation control
FSEP0 Register (08h)
REGISTER
NAME
Default
value
Active
Description
FSEP0[7:0]
FSEP_LSB[7:0]
01011001
-
8 LSB of frequency separation control
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com