Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC1050/T Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1050/T
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/T Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1050/T Datasheet HTML 6Page - Texas Instruments CC1050/T Datasheet HTML 7Page - Texas Instruments CC1050/T Datasheet HTML 8Page - Texas Instruments CC1050/T Datasheet HTML 9Page - Texas Instruments CC1050/T Datasheet HTML 10Page - Texas Instruments CC1050/T Datasheet HTML 11Page - Texas Instruments CC1050/T Datasheet HTML 12Page - Texas Instruments CC1050/T Datasheet HTML 13Page - Texas Instruments CC1050/T Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
CC1050
SWRS044
Page 10 of 40
Item
315 MHz
433 MHz
868 MHz
915 MHz
C1
5.6 pF, 5%, C0G, 0603
12 pF, 5%, C0G, 0603
4.7 pF, 5%, C0G, 0603
4.7 pF, 5%, C0G, 0603
C2
8.2 pF, 5%, C0G, 0603
6.8 pF, 5%, C0G, 0603
5.6 pF, 5%, C0G, 0603
5.6 pF, 5%, C0G, 0603
C3*
15 pF, 5%, C0G, 0603
15 pF, 5%, C0G, 0603
15 pF, 5%, C0G, 0603
15 pF, 5%, C0G, 0603
C4*
15 pF, 5%, C0G, 0603
15 pF, 5%, C0G, 0603
15 pF, 5%, C0G, 0603
15 pF, 5%, C0G, 0603
L1
56 nH, 5%, 0603
33 nH, 5%, 0603
5.6 nH, 5%, 0603
5.6 nH, 5%, 0603
L2
20 nH, 10%, 0805
6.2 nH, 10%, 0805
2.5 nH, 10%, 0805
2.5 nH, 10%, 0805
R1
82 k
Ω, 1%, 0603
82 k
Ω, 1%, 0603
82 k
Ω, 1%, 0603
82 k
Ω, 1%, 0603
XTAL
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
Notes:
Items shaded are different for different frequencies.
Component values for 868 and 915 MHz are equal.
*) C3 and C4 will depend on the crystal load capacitance, see page 26.
Table 1. Bill of materials for the application circuit
Configuration Overview
CC1050 can be configured to achieve the
best
performance
for
different
applications. Through the programmable
configuration registers the following key
parameters can be programmed:
• Transmit mode / power-down / power-
up mode
• RF output power
• Frequency
synthesiser
key
parameters: RF output frequency, FSK
frequency
separation
(deviation),
crystal oscillator reference frequency
• Crystal oscillator power-up / power
down
• Data rate and data format (NRZ,
Manchester coded or UART interface)
• Synthesiser lock indicator mode
• Modulation spectrum shaping
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com