| Electronic Components Datasheet Search |
|
CC1050/T Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1050/T Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 40 page ![]() CC1050 SWRS044 Page 14 of 40 Microcontroller Interface Used in a typical system, CC1050 will interface to a microcontroller. This microcontroller must be able to: • Program CC1050 into different modes via the 3-wire serial configuration interface (PDATA, PCLK and PALE). • Interface to the synchronous data signal interface (DI and DCLK). • Optionally the microcontroller can do data encoding / decoding. • Optionally the microcontroller can monitor the frequency lock status from pin CHP_OUT (LOCK). Connecting the microcontroller The microcontroller uses 3 output pins for the configuration interface (PDATA, PCLK and PALE). PDATA should be a bi- directional pin for data read-back. The DI pin is used for data to be transmitted. DCLK providing the data timing should be connected to a microcontroller input. Optionally another pin can be used to monitor the LOCK signal (available at the CHP_OUT pin). This signal is logic level high when the PLL is in lock. See Figure 6. The microcontroller pins connected to PDATA and PCLK can be used for other purposes when the configuration interface is not used. PDATA and PCLK are high impedance inputs as long as PALE high. PALE has an internal pull-up resistor and should be left open (tri-stated by the microcontroller) or set to a high level during power down mode in order to prevent a trickle current flowing in the pull- up. CC1050 PDATA PCLK PALE DI CHP_OUT (LOCK) Micro- controller DCLK (Optional) CC1050 PDATA PCLK PALE DI CHP_OUT (LOCK) Micro- controller DCLK (Optional) Figure 6. Microcontroller interface Not Recommended for New Designs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |