Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 201 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 201 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 197Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 198Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 199Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 200Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 201Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 202Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 203Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 204Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 205Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
4-31
H26
IO84NDB2V0
H27
IO96PDB2V1
H28
IO96NDB2V1
H29
IO89PDB2V0
H30
IO89NDB2V0
J1
IO290NDB7V2
J2
IO290PDB7V2
J3
IO302NDB7V3
J4
IO302PDB7V3
J5
IO295NDB7V2
J6
IO299NDB7V3
J7
VCCIB7
J8
VCCPLA
J9
VCC
J10
IO04NPB0V0
J11
IO18NDB0V2
J12
IO20NDB0V2
J13
IO20PDB0V2
J14
IO32NDB0V3
J15
IO32PDB0V3
J16
IO42PDB1V0
J17
IO44NDB1V0
J18
IO44PDB1V0
J19
IO54NDB1V1
J20
IO54PDB1V1
J21
IO76NPB1V4
J22
VCC
J23
VCCPLB
J24
VCCIB2
J25
IO90PDB2V1
J26
IO90NDB2V1
J27
GBB2/IO83PDB2V0
J28
IO83NDB2V0
J29
IO91PDB2V1
J30
IO91NDB2V1
K1
IO288NDB7V1
FG896
Pin Number A3PE3000L Function
K2
IO288PDB7V1
K3
IO304NDB7V3
K4
IO304PDB7V3
K5
GAB2/IO308PDB7V4
K6
IO308NDB7V4
K7
IO301PDB7V3
K8
IO301NDB7V3
K9
GAC2/IO307PPB7V4
K10
VCC
K11
IO04PPB0V0
K12
VCCIB0
K13
VCCIB0
K14
VCCIB0
K15
VCCIB0
K16
VCCIB1
K17
VCCIB1
K18
VCCIB1
K19
VCCIB1
K20
IO76PPB1V4
K21
VCC
K22
IO78PPB1V4
K23
IO88NDB2V0
K24
IO88PDB2V0
K25
IO94PDB2V1
K26
IO94NDB2V1
K27
IO85PDB2V0
K28
IO85NDB2V0
K29
IO93PDB2V1
K30
IO93NDB2V1
L1
IO286NDB7V1
L2
IO286PDB7V1
L3
IO298NDB7V3
L4
IO298PDB7V3
L5
IO283PDB7V1
L6
IO291NDB7V2
L7
IO291PDB7V2
FG896
Pin Number A3PE3000L Function
L8
IO293PDB7V2
L9
IO293NDB7V2
L10
IO307NPB7V4
L11
VCC
L12
VCC
L13
VCC
L14
VCC
L15
VCC
L16
VCC
L17
VCC
L18
VCC
L19
VCC
L20
VCC
L21
IO78NPB1V4
L22
IO104NPB2V2
L23
IO98NDB2V2
L24
IO98PDB2V2
L25
IO87PDB2V0
L26
IO87NDB2V0
L27
IO97PDB2V1
L28
IO101PDB2V2
L29
IO103PDB2V2
L30
IO119NDB3V0
M1
IO282NDB7V1
M2
IO282PDB7V1
M3
IO292NDB7V2
M4
IO292PDB7V2
M5
IO283NDB7V1
M6
IO285PDB7V1
M7
IO287PDB7V1
M8
IO289PDB7V1
M9
IO289NDB7V1
M10
VCCIB7
M11
VCC
M12
GND
M13
GND
FG896
Pin Number A3PE3000L Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com