Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 199 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 199 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 195Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 196Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 197Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 198Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 199Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 200Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 201Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 202Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 203Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
4-29
AK23
IO169PDB4V1
AK24
GND
AK25
IO167PPB4V1
AK26
GND
AK27
GDC2/IO156PPB4V0
AK28
GND
AK29
GND
B1
GND
B2
GND
B3
GAA2/IO309PPB7V4
B4
VCC
B5
IO14PPB0V1
B6
VCC
B7
IO07PPB0V0
B8
IO09PDB0V1
B9
IO15PPB0V1
B10
IO19NDB0V2
B11
IO19PDB0V2
B12
IO29NDB0V3
B13
IO29PDB0V3
B14
IO31PPB0V3
B15
IO37NDB0V4
B16
IO37PDB0V4
B17
IO41PDB1V0
B18
IO51NDB1V1
B19
IO59PDB1V2
B20
IO53PDB1V1
B21
IO53NDB1V1
B22
IO61NDB1V2
B23
IO61PDB1V2
B24
IO69NPB1V3
B25
VCC
B26
GBC0/IO79NPB1V4
B27
VCC
B28
IO64NPB1V2
B29
GND
FG896
Pin Number A3PE3000L Function
B30
GND
C1
GND
C2
IO309NPB7V4
C3
VCC
C4
GAA0/IO00NPB0V0
C5
VCCIB0
C6
IO03PDB0V0
C7
IO03NDB0V0
C8
GAB1/IO01PDB0V0
C9
IO05PDB0V0
C10
IO15NPB0V1
C11
IO25NDB0V3
C12
IO25PDB0V3
C13
IO31NPB0V3
C14
IO27NDB0V3
C15
IO39NDB0V4
C16
IO39PDB0V4
C17
IO55PPB1V1
C18
IO51PDB1V1
C19
IO59NDB1V2
C20
IO63NDB1V2
C21
IO63PDB1V2
C22
IO67NDB1V3
C23
IO67PDB1V3
C24
IO75NDB1V4
C25
IO75PDB1V4
C26
VCCIB1
C27
IO64PPB1V2
C28
VCC
C29
GBA1/IO81PPB1V4
C30
GND
D1
IO303PPB7V3
D2
VCC
D3
IO305NPB7V3
D4
GND
D5
GAA1/IO00PPB0V0
FG896
Pin Number A3PE3000L Function
D6
GAC1/IO02PDB0V0
D7
IO06NPB0V0
D8
GAB0/IO01NDB0V0
D9
IO05NDB0V0
D10
IO11NDB0V1
D11
IO11PDB0V1
D12
IO23NDB0V2
D13
IO23PDB0V2
D14
IO27PDB0V3
D15
IO40PDB0V4
D16
IO47NDB1V0
D17
IO47PDB1V0
D18
IO55NPB1V1
D19
IO65NDB1V3
D20
IO65PDB1V3
D21
IO71NDB1V3
D22
IO71PDB1V3
D23
IO73NDB1V4
D24
IO73PDB1V4
D25
IO74NDB1V4
D26
GBB0/IO80NPB1V4
D27
GND
D28
GBA0/IO81NPB1V4
D29
VCC
D30
GBA2/IO82PPB2V0
E1
GND
E2
IO303NPB7V3
E3
VCCIB7
E4
IO305PPB7V3
E5
VCC
E6
GAC0/IO02NDB0V0
E7
VCCIB0
E8
IO06PPB0V0
E9
IO24NDB0V2
E10
IO24PDB0V2
E11
IO13NDB0V1
FG896
Pin Number A3PE3000L Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com