Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 196 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 196 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 192Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 193Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 194Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 195Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 196Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 197Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 198Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 199Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 200Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 212 page
background image
Package Pin Assignments
4-26
Revision 3
FG896
Pin Number A3PE3000L Function
A2
GND
A3
GND
A4
IO14NPB0V1
A5
GND
A6
IO07NPB0V0
A7
GND
A8
IO09NDB0V1
A9
IO17NDB0V2
A10
IO17PDB0V2
A11
IO21NDB0V2
A12
IO21PDB0V2
A13
IO33NDB0V4
A14
IO33PDB0V4
A15
IO35NDB0V4
A16
IO35PDB0V4
A17
IO41NDB1V0
A18
IO43NDB1V0
A19
IO43PDB1V0
A20
IO45NDB1V0
A21
IO45PDB1V0
A22
IO57NDB1V2
A23
IO57PDB1V2
A24
GND
A25
IO69PPB1V3
A26
GND
A27
GBC1/IO79PPB1V4
A28
GND
A29
GND
AA1
IO256PDB6V2
AA2
IO248PDB6V1
AA3
IO248NDB6V1
AA4
IO246NDB6V1
AA5
GEA1/IO234PDB6V0
AA6
GEA0/IO234NDB6V0
AA7
IO243PPB6V1
AA8
IO245NDB6V1
AA9
GEB1/IO235PPB6V0
AA10
VCC
AA11
IO226PPB5V4
AA12
VCCIB5
AA13
VCCIB5
AA14
VCCIB5
AA15
VCCIB5
AA16
VCCIB4
AA17
VCCIB4
AA18
VCCIB4
AA19
VCCIB4
AA20
IO174PDB4V2
AA21
VCC
AA22
IO142NPB3V3
AA23
IO144NDB3V3
AA24
IO144PDB3V3
AA25
IO146NDB3V4
AA26
IO146PDB3V4
AA27
IO147PDB3V4
AA28
IO139NDB3V3
AA29
IO139PDB3V3
AA30
IO133NDB3V2
AB1
IO256NDB6V2
AB2
IO244PDB6V1
AB3
IO244NDB6V1
AB4
IO241PDB6V0
AB5
IO241NDB6V0
AB6
IO243NPB6V1
AB7
VCCIB6
AB8
VCCPLE
AB9
VCC
AB10
IO222PDB5V3
AB11
IO218PPB5V3
AB12
IO206NDB5V1
AB13
IO206PDB5V1
AB14
IO198NDB5V0
FG896
Pin Number A3PE3000L Function
AB15
IO198PDB5V0
AB16
IO192NDB4V4
AB17
IO192PDB4V4
AB18
IO178NDB4V3
AB19
IO178PDB4V3
AB20
IO174NDB4V2
AB21
IO162NPB4V1
AB22
VCC
AB23
VCCPLD
AB24
VCCIB3
AB25
IO150PDB3V4
AB26
IO148PDB3V4
AB27
IO147NDB3V4
AB28
IO145PDB3V3
AB29
IO143PDB3V3
AB30
IO137PDB3V2
AC1
IO254PDB6V2
AC2
IO254NDB6V2
AC3
IO240PDB6V0
AC4
GEC1/IO236PDB6V0
AC5
IO237PDB6V0
AC6
IO237NDB6V0
AC7
VCOMPLE
AC8
GND
AC9
IO226NPB5V4
AC10
IO222NDB5V3
AC11
IO216NPB5V2
AC12
IO210NPB5V2
AC13
IO204NDB5V1
AC14
IO204PDB5V1
AC15
IO194NDB5V0
AC16
IO188NDB4V4
AC17
IO188PDB4V4
AC18
IO182PPB4V3
AC19
IO170NPB4V2
AC20
IO164NDB4V1
FG896
Pin Number A3PE3000L Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com