Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 177 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 177 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 173Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 174Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 175Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 176Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 177Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 178Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 179Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 180Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 181Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
4-7
FG144
Pin Number
A3P1000 Function
A1
GNDQ
A2
VMV0
A3
GAB0/IO02RSB0
A4
GAB1/IO03RSB0
A5
IO10RSB0
A6
GND
A7
IO44RSB0
A8
VCC
A9
IO69RSB0
A10
GBA0/IO76RSB0
A11
GBA1/IO77RSB0
A12
GNDQ
B1
GAB2/IO224PDB3
B2
GND
B3
GAA0/IO00RSB0
B4
GAA1/IO01RSB0
B5
IO13RSB0
B6
IO26RSB0
B7
IO35RSB0
B8
IO60RSB0
B9
GBB0/IO74RSB0
B10
GBB1/IO75RSB0
B11
GND
B12
VMV1
C1
IO224NDB3
C2
GFA2/IO206PPB3
C3
GAC2/IO223PDB3
C4
VCC
C5
IO16RSB0
C6
IO29RSB0
C7
IO32RSB0
C8
IO63RSB0
C9
IO66RSB0
C10
GBA2/IO78PDB1
C11
IO78NDB1
C12
GBC2/IO80PPB1
D1
IO213PDB3
D2
IO213NDB3
D3
IO223NDB3
D4
GAA2/IO225PPB3
D5
GAC0/IO04RSB0
D6
GAC1/IO05RSB0
D7
GBC0/IO72RSB0
D8
GBC1/IO73RSB0
D9
GBB2/IO79PDB1
D10
IO79NDB1
D11
IO80NPB1
D12
GCB1/IO92PPB1
E1
VCC
E2
GFC0/IO209NDB3
E3
GFC1/IO209PDB3
E4
VCCIB3
E5
IO225NPB3
E6
VCCIB0
E7
VCCIB0
E8
GCC1/IO91PDB1
E9
VCCIB1
E10
VCC
E11
GCA0/IO93NDB1
E12
IO94NDB1
F1
GFB0/IO208NPB3
F2
VCOMPLF
F3
GFB1/IO208PPB3
F4
IO206NPB3
F5
GND
F6
GND
F7
GND
F8
GCC0/IO91NDB1
F9
GCB0/IO92NPB1
F10
GND
F11
GCA1/IO93PDB1
F12
GCA2/IO94PDB1
FG144
Pin Number
A3P1000 Function
G1
GFA1/IO207PPB3
G2
GND
G3
VCCPLF
G4
GFA0/IO207NPB3
G5
GND
G6
GND
G7
GND
G8
GDC1/IO111PPB1
G9
IO96NDB1
G10
GCC2/IO96PDB1
G11
IO95NDB1
G12
GCB2/IO95PDB1
H1
VCC
H2
GFB2/IO205PDB3
H3
GFC2/IO204PSB3
H4
GEC1/IO190PDB3
H5
VCC
H6
IO105PDB1
H7
IO105NDB1
H8
GDB2/IO115RSB2
H9
GDC0/IO111NPB1
H10
VCCIB1
H11
IO101PSB1
H12
VCC
J1
GEB1/IO189PDB3
J2
IO205NDB3
J3
VCCIB3
J4
GEC0/IO190NDB3
J5
IO160RSB2
J6
IO157RSB2
J7
VCC
J8
TCK
J9
GDA2/IO114RSB2
J10
TDO
J11
GDA1/IO113PDB1
J12
GDB1/IO112PDB1
FG144
Pin Number
A3P1000 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com