Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 180 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 180 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 176Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 177Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 178Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 179Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 180Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 181Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 182Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 183Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 184Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 212 page
background image
Package Pin Assignments
4-10
Revision 3
FG484
Pin
Number
A3PE600L Function
A1
GND
A2
GND
A3
VCCIB0
A4
IO06NDB0V1
A5
IO06PDB0V1
A6
IO08NDB0V1
A7
IO08PDB0V1
A8
IO11PDB0V1
A9
IO17PDB0V2
A10
IO18NDB0V2
A11
IO18PDB0V2
A12
IO22PDB1V0
A13
IO26PDB1V0
A14
IO29NDB1V1
A15
IO29PDB1V1
A16
IO31NDB1V1
A17
IO31PDB1V1
A18
IO32NDB1V1
A19
NC
A20
VCCIB1
A21
GND
A22
GND
B1
GND
B2
VCCIB7
B3
NC
B4
IO03NDB0V0
B5
IO03PDB0V0
B6
IO07NDB0V1
B7
IO07PDB0V1
B8
IO11NDB0V1
B9
IO17NDB0V2
B10
IO14PDB0V2
B11
IO19PDB0V2
B12
IO22NDB1V0
B13
IO26NDB1V0
B14
NC
B15
NC
B16
IO30NDB1V1
B17
IO30PDB1V1
B18
IO32PDB1V1
B19
NC
B20
NC
B21
VCCIB2
B22
GND
C1
VCCIB7
C2
NC
C3
NC
C4
NC
C5
GND
C6
IO04NDB0V0
C7
IO04PDB0V0
C8
VCC
C9
VCC
C10
IO14NDB0V2
C11
IO19NDB0V2
C12
NC
C13
NC
C14
VCC
C15
VCC
C16
NC
C17
NC
C18
GND
C19
NC
C20
NC
C21
NC
C22
VCCIB2
D1
NC
D2
NC
D3
NC
D4
GND
FG484
Pin
Number
A3PE600L Function
D5
GAA0/IO00NDB0V0
D6
GAA1/IO00PDB0V0
D7
GAB0/IO01NDB0V0
D8
IO05PDB0V0
D9
IO10PDB0V1
D10
IO12PDB0V2
D11
IO16NDB0V2
D12
IO23NDB1V0
D13
IO23PDB1V0
D14
IO28NDB1V1
D15
IO28PDB1V1
D16
GBB1/IO34PDB1V1
D17
GBA0/IO35NDB1V1
D18
GBA1/IO35PDB1V1
D19
GND
D20
NC
D21
NC
D22
NC
E1
NC
E2
NC
E3
GND
E4
GAB2/IO133PDB7V1
E5
GAA2/IO134PDB7V1
E6
GNDQ
E7
GAB1/IO01PDB0V0
E8
IO05NDB0V0
E9
IO10NDB0V1
E10
IO12NDB0V2
E11
IO16PDB0V2
E12
IO20NDB1V0
E13
IO24NDB1V0
E14
IO24PDB1V0
E15
GBC1/IO33PDB1V1
E16
GBB0/IO34NDB1V1
E17
GNDQ
FG484
Pin
Number
A3PE600L Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com