Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9266-80EBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9266-80EBZ
Description  16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9266-80EBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9266-80EBZ Datasheet HTML 24Page - Analog Devices AD9266-80EBZ Datasheet HTML 25Page - Analog Devices AD9266-80EBZ Datasheet HTML 26Page - Analog Devices AD9266-80EBZ Datasheet HTML 27Page - Analog Devices AD9266-80EBZ Datasheet HTML 28Page - Analog Devices AD9266-80EBZ Datasheet HTML 29Page - Analog Devices AD9266-80EBZ Datasheet HTML 30Page - Analog Devices AD9266-80EBZ Datasheet HTML 31Page - Analog Devices AD9266-80EBZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD9266
Rev. A | Page 29 of 32
Addr
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
0x15
Output adjust
3.3 V DCO
drive strength
00 = 1 stripe (default)
01 = 2 stripes
10 = 3 stripes
11 = 4 stripes
1.8 V DCO
drive strength
00 = 1 stripe
01 = 2 stripes
10 = 3 stripes (default)
11 = 4 stripes
3.3 V data
drive strength
00 = 1 stripe (default)
01 = 2 stripes
10 = 3 stripes
11 = 4 stripes
1.8 V data drive strength
00 = 1 stripe
01 = 2 stripes
10 = 3 stripes (default)
11 = 4 stripes
0x22
Determines CMOS
output drive
strength properties.
0x16
Output phase
DCO output
polarity
0 = normal
1 = inverted
Open
Input clock phase adjust, Bits[2:0]
(Value is number of input clock
cycles of phase delay)
000 = no delay
001 = 1 input clock cycle
010 = 2 input clock cycles
011 = 3 input clock cycles
100 = 4 input clock cycles
101 = 5 input clock cycles
110 = 6 input clock cycles
111 = 7 input clock cycles
0x00
On devices that use
global clock divide,
determines which
phase of the divider
output is used to
supply the output
clock; internal
latching is
unaffected.
0x17
Output delay
Enable DCO
delay
Open
Enable
data
delay
Open
DCO/data delay[2:0] (typical values)
000 = 0.56 ns
001 = 1.12 ns
010 = 1.68 ns
011 = 2.24 ns
100 = 2.80 ns
101 = 3.36 ns
110 = 3.92 ns
111 = 4.48 ns
0x00
Sets the fine
output delay of the
output clock but
does not change
internal timing.
(Typical values)
0x19
USER_PATT1_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 1 LSB.
0x1A
USER_PATT1_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 1 MSB.
0x1B
USER_PATT2_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 2 LSB.
0x1C
USER_PATT2_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 2 MSB.
0x2A
OR/MODE select
Open
0 = MODE
1 = OR
(default)
0x01
Selects I/O
functionality in
conjunction with
Address 0x08 for
MODE (input) or
OR (output) on
External Pin 23.
AD9266-Specific Customer SPI Control Register
0x10
1
USR2
Open
Enable
GCLK
detect
Run
GCLK
Open
Disable
SDIO pull-
down
0x08
Enables internal
oscillator for clock
rates of <5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com