Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9266-80EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9266-80EBZ
Description  16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9266-80EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9266-80EBZ Datasheet HTML 7Page - Analog Devices AD9266-80EBZ Datasheet HTML 8Page - Analog Devices AD9266-80EBZ Datasheet HTML 9Page - Analog Devices AD9266-80EBZ Datasheet HTML 10Page - Analog Devices AD9266-80EBZ Datasheet HTML 11Page - Analog Devices AD9266-80EBZ Datasheet HTML 12Page - Analog Devices AD9266-80EBZ Datasheet HTML 13Page - Analog Devices AD9266-80EBZ Datasheet HTML 14Page - Analog Devices AD9266-80EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD9266
Rev. A | Page 11 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
AD9266-80
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty
cycle clock, DCS disabled, unless otherwise noted.
0
–140
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
9.7MHz @ –1dBFS
SNR = 76.8dB (77.8dBFS)
SFDR = 94.3dBc
Figure 4. AD9266-80 Single-Tone FFT with fIN = 9.7 MHz
0
–140
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
69MHz @ –1dBFS
SNR = 75.1dB (76.1dBFS)
SFDR = 89.5dBc
Figure 5. AD9266-80 Single-Tone FFT with fIN = 69 MHz
0
–15
–30
–45
–60
–90
–75
–105
–120
–135
4
8
12
16
20
24
28
32
36
FREQUENCY (MHz)
F2 – F1
F1 + F2
2F1 – F2
2F2 + F1
2F1 + F2
2F2 – F1
80MSPS
28.3MHz @ –7dBFS
30.6MHz @ –7dBFS
SFDR = 89.5dBc (96.5dBFS)
Figure 6. AD9266-80 Two-Tone FFT with fIN1 = 28.3 MHz and fIN2 = 30.6 MHz
0
–140
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
30.6MHz @ –1dBFS
SNR = 76.5dB (77.5dBFS)
SFDR = 85.7dBc
Figure 7. AD9266-80 Single-Tone FFT with fIN = 30.6 MHz
0
–140
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
210MHz @ –1dBFS
SNR = 70dB (71dBFS)
SFDR = 79.7dBc
Figure 8. AD9266-80 Single-Tone FFT with fIN = 210 MHz
10
–30
–10
–50
–70
–90
–110
–130
–95
–65
–75
–85
–55
–45
–35
–25
–15
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 9. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with fIN1 = 28.3 MHz
and fIN2 = 30.6 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com