Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9266-80EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9266-80EBZ
Description  16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9266-80EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9266-80EBZ Datasheet HTML 6Page - Analog Devices AD9266-80EBZ Datasheet HTML 7Page - Analog Devices AD9266-80EBZ Datasheet HTML 8Page - Analog Devices AD9266-80EBZ Datasheet HTML 9Page - Analog Devices AD9266-80EBZ Datasheet HTML 10Page - Analog Devices AD9266-80EBZ Datasheet HTML 11Page - Analog Devices AD9266-80EBZ Datasheet HTML 12Page - Analog Devices AD9266-80EBZ Datasheet HTML 13Page - Analog Devices AD9266-80EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9266
Data Sheet
Rev. A | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE (PIN 0) IS THE ONLY GND
CONNECTION ON THE CHIP AND MUST BE CONNECTED
TO THE PCB AGND.
CLK+
CLK–
AVDD
CSB
SCLK/DFS
SDIO/PDWN
NC
NC
AVDD
MODE/OR
DCO
(MSB) D15_D14
D13_D12
D11_D10
D9_D8
D7_D6
TOP VIEW
(Not to Scale)
AD9266
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
0, Exposed Paddle
AGND
The exposed paddle is the only ground connection on the chip. It must be soldered to the analog
ground of the PCB to ensure proper functionality and heat dissipation, noise, and mechanical strength
benefits.
1, 2
CLK+, CLK−
Differential Encode Clock for PECL, LVDS, or 1.8 V CMOS Inputs.
3, 24, 29, 32
AVDD
1.8 V Supply Pin for ADC Core Domain.
4
CSB
SPI Chip Select. Active low enable, 30 kΩ internal pull-up.
5
SCLK/DFS
SPI Clock Input in SPI Mode (SCLK). 30 kΩ internal pull-down.
Data Format Select in Non-SPI Mode (DFS). Static control of data output format. 30 kΩ internal pull-down.
DFS high = twos complement output; DFS low = offset binary output.
6
SDIO/PDWN
SPI Data Input/Output (SDIO). Bidirectional SPI data I/O with 30 kΩ internal pull-down.
Non-SPI Mode Power-Down (PDWN). Static control of chip power-down with 30 kΩ internal pull-
down. See Table 14 for details.
7 to 12
NC
No Connect.
14 to 21
D1_D0 (LSB) to
(MSB) D15_D14
ADC Digital Outputs.
13
DRVDD
1.8 V to 3.3 V Supply Pin for Output Driver Domain.
22
DCO
Data Clock Digital Output.
23
MODE/OR
Chip Mode Select Input (MODE)/Out-of-Range Digital Output in SPI Mode (OR).
Default = out-of-range (OR) digital output (SPI Register 0x2A, Bit 0 = 1).
Option = chip mode select input (SPI Register 0x2A, Bit 0 = 0).
Chip power-down (SPI Register 0x08, Bits[7:5] = 100b).
Chip standby (SPI Register 0x08, Bits[7:5] = 101b).
Normal operation, output disabled (SPI Register 0x08, Bits[7:5] = 110b).
Normal operation, output enabled (SPI Register 0x08, Bits[7:5] = 111b).
Out-of-range (OR) digital output only in non-SPI mode.
25
VREF
1.0 V Voltage Reference Input/Output. See Table 10.
26
SENSE
Reference Mode Selection. See Table 10.
27
VCM
Analog Output Voltage at Mid AVDD Supply. Sets common mode of the analog inputs.
28
RBIAS
Set Analog Current Bias. Connect to 10 kΩ (1% tolerance) resistor to ground.
30, 31
VIN−, VIN+
ADC Analog Inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com