Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL2102ALAFTK Datasheet(PDF) 39 Page - Intersil Corporation

Part # ZL2102ALAFTK
Description  6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2102ALAFTK Datasheet(HTML) 39 Page - Intersil Corporation

Back Button ZL2102ALAFTK Datasheet HTML 35Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 36Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 37Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 38Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 39Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 40Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 41Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 42Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 43Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
ZL2102
39
FN8440.1
August 22, 2013
TON_RISE (61h)
Definition: Sets the rise time of VOUT after ENABLE and TON_DELAY.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: Pin strap setting (SS)
Units: ms
Equation: TON_RISE = Y×2N
Range: 5ms to 200ms
Reference: N/A
TOFF_DELAY (64h)
Definition: Sets the delay time from DISABLE to start of VOUT fall.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: 1 x TON_DELAY pin strap value
Units: ms
Equation: TON_DELAY = Y×2N
Range: 5ms to 30s
Reference: N/A
TOFF_FALL (65h)
Definition: Sets the fall time for VOUT after DISABLE and TOFF_DELAY.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: 1 x TON_RISE pin strap setting
Units: ms
Equation: TOFF_FALL = Y×2N
Range: 5ms to 200ms
Reference: N/A
COMMAND
TON_RISE (61h)
Format
Linear, two’s complement binary
Bit Position
15
14
13
12
11
10
98
76
54
321
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
Signed Exponent, N
Signed Mantissa, Y
Default Value
Pin Strapped Value
COMMAND
TOFF_DELAY (64h)
Format
Linear, two’s complement binary
Bit Position
15
14
13
12
11
10
98
76
54
321
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
Signed Exponent, N
Signed Mantissa, Y
Default Value
1 x TON_DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com