Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL2102ALAFTK Datasheet(PDF) 21 Page - Intersil Corporation

Part # ZL2102ALAFTK
Description  6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2102ALAFTK Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ZL2102ALAFTK Datasheet HTML 17Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 18Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 19Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 20Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 21Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 22Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 23Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 24Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
ZL2102
21
FN8440.1
August 22, 2013
54h UT_FAULT_RESPONSE
Sets the under temperature fault response
R/W
BIT
BFh
Restart Continuously
55h VIN_OV_FAULT_LIMIT
Sets the VIN overvoltage fault threshold
R/W
L11
D380h 14V
56h VIN_OV_FAULT_RESPONSE
Sets the VIN overvoltage fault response
R/W
BIT
BFh
Restart Continuously
57h
VIN_OV_WARN_LIMIT
Sets the VIN overvoltage warning threshold
R/W
L11
D360h 13.5V
58h VIN_UV_WARN_LIMIT
Sets the VIN undervoltage warning threshold
R/W
L11
1.03 x VIN_UV_FAULT_LIMIT
pin strap setting
59h VIN_UV_FAULT_LIMIT
Sets the VIN undervoltage fault threshold
R/W
L11
Pin strap setting
5Ah VIN_UV_FAULT_RESPONSE
Sets the VIN undervoltage fault response
R/W
BIT
BFh
Restart Continuously
5Eh
POWER_GOOD_ON
Sets the voltage threshold for Power-Good
indication
R/W
L16u
0.9 x VOUT_COMMAND pin
strap setting
60h TON_DELAY
Sets the delay time from enable to VOUT rise
R/W
L11
Pin strap setting
61h
TON_RISE
Sets the rise time of VOUT after ENABLE and
TON_DELAY
R/W
L11
Pin strap setting
64h TOFF_DELAY
Sets the delay time from DISABLE to start of
VOUT fall
R/W
L11
1 x TON_DELAY pin strap
value
65h TOFF_FALL
Sets the fall time for VOUT after DISABLE and
TOFF_DELAY
R/W
L11
1 x TON_RISE pin strap
setting
79h STATUS_WORD
Summary of critical faults
Read
BIT
7Ah STATUS_VOUT
Reports VOUT warnings/faults
Read
BIT
7Bh STATUS_IOUT
Reports IOUT warnings/faults
Read
BIT
7Ch STATUS_INPUT
Reports input warnings/faults
Read
BIT
7Dh STATUS_TEMPERATURE
Reports temperature warnings/faults
Read
BIT
7Eh
STATUS_CML
Reports Communication, memory, logic errors Read
BIT
80h STATUS_MFR_SPECIFIC
Reports voltage monitoring/clock
synchronization faults
Read
BIT
88h READ_VIN
Reports input voltage measurement
Read
L11
8Bh READ_VOUT
Reports output voltage measurement
Read
L16u
8Ch READ_IOUT
Reports output current measurement
Read
L11
8Dh READ_TEMPERATURE_1
Reports internal temperature measurement
Read
L11
94h READ_DUTY_CYCLE
Reports actual duty cycle
Read
L11
95h READ_FREQUENCY
Reports actual switching frequency
Read
L11
98h PMBUS_REVISION
Reports PMBus revision compliance
Read
BIT
01h
Part 1 Revision 1.0, Part II
Revision 1.1
99h MFR_ID
Sets a user defined identification
R/W
ASC
<null>
ADh IC_DEVICE_ID
Reports device identification information
Read
CUS
AEh
IC_DEVICE_REV
Reports device revision information
Read
CUS
B0h USER_DATA_00
Sets a user defined data
R/W
ASC
<null>
BCh AUTO_COMP_CONFIG
Sets auto compensation configuration
R/W
BIT
Pin strap setting
BDh AUTO_COMP_CONTROL
Initiates auto compensation algorithm
Write
N/A
D0h MFR_CONFIG
Configures several manufacturer-level
features
R/W
BIT
4801h
D1h USER_CONFIG
Configures several user-level features
R/W
BIT
Pin strap setting
PMBus Command Summary (Continued)
CODE
COMMAND NAME
DESCRIPTION
TYPE
DATA
FORMAT
DEFAULT
VALUE
DEFAULT SETTING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com