Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30E/PF Datasheet(PDF) 215 Page - Microchip Technology

Part # DSPIC30F2011AT-30E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30E/PF Datasheet(HTML) 215 Page - Microchip Technology

Back Button DSPIC30F2011AT-30E/PF Datasheet HTML 211Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 212Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 213Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 214Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 215Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 216Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 217Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 218Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 228 page
background image
© 2006 Microchip Technology Inc.
DS70117F-page 213
dsPIC30F6011/6012/6013/6014
80-Lead Plastic Thin Quad Flatpack (PF) 14x14x1 mm Body, 1.0/0.10 mm Lead Form (TQFP)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
D
E1
#leads = n1
p
B
L
φ
β
c
2
n
1
(F)
A
A1
α
A2
E
D1
Dimensions D1 and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side.
.630 BSC
NOM
INCHES
.630 BSC
.551 BSC
.551 BSC
Overall Width
Overall Length
Foot Angle
Foot Length
Pins per Side
Overall Height
Number of Pins
Lead Width
Revised 7-20-06
Lead Thickness
Molded Package Thickness
* Controlling Parameter
JEDEC Equivalent: MS-026
Mold Draft Angle Bottom
Mold Draft Angle Top
Molded Package Width
Molded Package Length
Footprint
Notes:
Pitch
Standoff
β
Dimension Limits
α
B
D1
E1
c
φ
D
E
F
L
11°
.011
.004
.018
0°
MIN
A
A1
A2
n1
p
Units
n
.037
.002
12°
.013
3.5°
.039 REF.
.024
.015
.008
13°
.030
7°
20
.026
.039
80
.041
.006
.047
MAX
16.00 BSC
16.00 BSC
14.00 BSC
14.00 BSC
0.27
0.09
0.45
0°
0.32
1.00 REF.
0.60
3.5°
MILLIMETERS*
0.95
0.05
MIN
0.65
1.00
20
NOM
80
0.37
0.20
0.75
7°
1.05
0.15
1.20
MAX
13°
12°
11°
12°
11°
11°
13°
12°
13°
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
See ASME Y14.5M
See ASME Y14.5M
Drawing No. C04-116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com