Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30E/PF Datasheet(PDF) 150 Page - Microchip Technology

Part # DSPIC30F2011AT-30E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30E/PF Datasheet(HTML) 150 Page - Microchip Technology

Back Button DSPIC30F2011AT-30E/PF Datasheet HTML 146Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 147Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 148Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 149Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 150Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 151Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 152Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 153Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 228 page
background image
dsPIC30F6011/6012/6013/6014
DS70117F-page 148
© 2006 Microchip Technology Inc.
20.2
Oscillator Configurations
20.2.1
INITIAL CLOCK SOURCE
SELECTION
While coming out of Power-on Reset or Brown-out
Reset, the device selects its clock source based on:
a)
FOS<1:0> Configuration bits that select one of
four oscillator groups,
b)
and FPR<3:0> Configuration bits that select one
of 13 oscillator choices within the primary group.
The selection is as shown in Table 20-2.
TABLE 20-2:
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
20.2.2
OSCILLATOR START-UP TIMER
(OST)
In order to ensure that a crystal oscillator (or ceramic
resonator) has started and stabilized, an Oscillator
Start-up Timer is included. It is a simple 10-bit counter
that counts 1024 TOSC cycles before releasing the
oscillator clock to the rest of the system. The time-out
period is designated as TOST. The TOST time is
involved every time the oscillator has to restart (i.e., on
POR, BOR and wake-up from Sleep). The Oscillator
Start-up Timer is applied to the LP oscillator, XT, XTL,
and HS modes (upon wake-up from Sleep, POR and
BOR) for the primary oscillator.
20.2.3
LP OSCILLATOR CONTROL
Enabling the LP oscillator is controlled with two
elements:
1.
The current oscillator group bits COSC<1:0>.
2.
The LPOSCEN bit (OSCON register).
The LP oscillator is on (even during Sleep mode) if
LPOSCEN = 1. The LP oscillator is the device clock if:
• COSC<1:0> = 00 (LP selected as main oscillator)
and
• LPOSCEN = 1
Keeping the LP oscillator on at all times allows for a fast
switch to the 32 kHz system clock for lower power oper-
ation. Returning to the faster main oscillator will still
require a start-up time.
Oscillator Mode
Oscillator
Source
FOS1
FOS0
FPR3
FPR2
FPR1
FPR0
OSC2
Function
EC
Primary
1
11
0
1
1
CLKO
ECIO
Primary
1
11
1
0
0
I/O
EC w/ PLL 4x
Primary
1
11
1
0
1
I/O
EC w/ PLL 8x
Primary
1
11
1
1
0
I/O
EC w/ PLL 16x
Primary
1
11
1
1
1
I/O
ERC
Primary
1
11
0
0
1
CLKO
ERCIO
Primary
1
11
0
0
0
I/O
XT
Primary
1
10
1
0
0
OSC2
XT w/ PLL 4x
Primary
1
10
1
0
1
OSC2
XT w/ PLL 8x
Primary
1
10
1
1
0
OSC2
XT w/ PLL 16x
Primary
1
10
1
1
1
OSC2
XTL
Primary
1
10
0
0
X
OSC2
HS
Primary
1
10
0
1
X
OSC2
LP
Secondary
0
0
——
——
(Notes 1, 2)
FRC
Internal FRC
0
1
——
——
(Notes 1, 2)
LPRC
Internal LPRC
1
0
——
——
(Notes 1, 2)
Note 1:
OSC2 pin function is determined by the Primary Oscillator mode selection (FPR<3:0>).
2:
OSC1 pin cannot be used as an I/O pin even if the secondary oscillator or an internal clock source is
selected at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com