Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCM033 Datasheet(PDF) 22 Page - Murata Manufacturing Co., Ltd.

Part # GCM033
Description  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 Datasheet(HTML) 22 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
!Caution
s Rating
1. Temperature Dependent Characteristics
2. Measurement of Capacitance
1. The electrical characteristics of the capacitor can change
with temperature.
1-1. For capacitors having larger temperature
dependency, the capacitance may change with
temperature changes.
The following actions are recommended in order to
insure suitable capacitance values.
(1) Select a suitable capacitance for the operating
temperature range.
(2) The capacitance may change within the rated
temperature.
When you use a high dielectric constant type
capacitors in a circuit that needs a tight (narrow)
capacitance tolerance. Example: a time constant
circuit., please carefully consider the
characteristics of these capacitors, such as their
aging, voltage, and temperature characteristics.
And check capacitors using your actual
appliances at the intended environment and
operating conditions.
1. Measure capacitance with the voltage and the frequency
specified in the product specifications.
1-1. The output voltage of the measuring equipment may
decrease when capacitance is high occasionally.
Please confirm whether a prescribed measured
voltage is impressed to the capacitor.
1-2. The capacitance values of high dielectric constant
type capacitors change depending on the AC voltage
applied. Please consider the AC voltage
characteristics when selecting a capacitor to be used
in a AC circuit.
Continued on the following page.
-20
-15
-10
-5
0
5
10
15
20
-75
-50
-25
0
25
50
75
100
Temperature (
°C)
Typical Temperature Characteristics Char. R6(X5R)
Temperature (
°C)
Typical Temperature Characteristics Char. F5(Y5V)
Typical Temperature Characteristics Char. R7(X7R)
-20
-15
-10
-5
0
5
10
15
20
-75
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
-100
-80
-60
-40
-20
0
20
40
-50
-25
0
25
50
75
100
!Caution (Rating)
23
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com