Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCM033 Datasheet(PDF) 36 Page - Murata Manufacturing Co., Ltd.

Part # GCM033
Description  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 Datasheet(HTML) 36 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Notice
1. Please evaluate a capacitor by actual cleaning equipment
and condition surely for confirming the quality and select
the applicable solvent.
2. Unsuitable cleaning solvent may leave residual flux, other
foreign substances, causing deterioration of electrical
characteristics and the reliability of the capacitors.
3. Select the proper cleaning conditions.
3-1. Improper cleaning conditions (excessive or
insufficient) may result in the deterioration of the
performance of the capacitors.
6. Washing
Continued from the preceding page.
4. Flux Application
1. An excessive amount of flux generates a large quantity of
flux gas, which can cause a deterioration of Solderability.
So apply flux thinly and evenly throughout. (A foaming
system is generally used for flow soldering).
2. Flux containing too a high percentage of halide may
cause corrosion of the outer electrodes unless there is
sufficient cleaning. Use flux with a halide content of 0.1%
max.
3. Do not use strong acidic flux.
4. Do not use water-soluble flux.
(*Water-soluble flux can be defined as non rosin type flux
including wash-type flux and non-wash-type flux.)
o Set temperature and time to ensure that leaching of the
outer electrode does not exceed 25% of the chip end
area as a single chip (full length of the edge A-B-C-D
shown right) and 25% of the length A-B shown below as
mounted on substrate.
[As a Single Chip]
[As Mounted on Substrate]
5. Flow Soldering
A
B
C
D
Outer Electrode
A
B
1. A crack may be caused in the capacitor due to the stress
of the thermal contraction of the resin during curing
process.
The stress is affected by the amount of resin and curing
contraction.
Select a resin with small curing contraction.
The difference in the thermal expansion coefficient
between a coating resin or a molding resin and capacitor
may cause the destruction and deterioration of the
capacitor such as a crack or peeling, and lead to the
deterioration of insulation resistance or dielectric
breakdown.
Select a resin for which the thermal expansion coefficient
is as close to that of capacitor as possible.
A silicone resin can be used as an under-coating to buffer
against the stress.
2. Select a resin that is less hygroscopic.
Using hygroscopic resins under high humidity conditions
may cause the deterioration of the insulation resistance of
a capacitor.
An epoxy resin can be used as a less hygroscopic resin.
7. Coating
Notice (Soldering and Mounting)
37
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com