Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCM033 Datasheet(PDF) 35 Page - Murata Manufacturing Co., Ltd.

Part # GCM033
Description  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 Datasheet(HTML) 35 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Notice
GCM18
GCM21
GCM31
1.6g0.8
2.0g1.25
3.2g1.6
0.6 to 1.0
1.0 to 1.2
2.2 to 2.6
0.8 to 0.9
0.9 to 1.0
1.0 to 1.1
0.6 to 0.8
0.8 to 1.1
1.0 to 1.4
(in mm)
Part Number
Dimensions
Chip (LgW)
a
b
c
Table 1 Flow Soldering Method
GCM03
GCM15
GCM18
GCM21
GCM31
GCM32
0.6g0.3
1.0g0.5
1.6g0.8
2.0g1.25
3.2g1.6
3.2g2.5
0.2 to 0.3
0.3 to 0.5
0.6 to 0.8
1.0 to 1.2
2.2 to 2.4
2.0 to 2.4
0.2 to 0.35
0.35 to 0.45
0.6 to 0.7
0.6 to 0.7
0.8 to 0.9
1.0 to 1.2
0.2 to 0.4
0.4 to 0.6
0.6 to 0.8
0.8 to 1.1
1.0 to 1.4
1.8 to 2.3
(in mm)
Part Number
Dimensions
Chip (LgW)
a
b
c
Table 2 Reflow Soldering Method
Chip Capacitor
Continued from the preceding page.
Continued on the following page.
2. Land Dimensions
2-1. Chip capacitor can be cracked due to the stress of
PCB bending / etc if the land area is larger than
needed and has an excess amount of solder.
Please refer to the land dimensions in table 1 for flow
soldering, table 2 for reflow soldering.
Please confirm the suitable land dimension by
evaluating of the actual SET / PCB.
Solder Resist
a
b
c
Land
2. Adhesive Application
1. Thin or insufficient adhesive can cause the chips to
loosen or become disconnected during flow soldering.
The amount of adhesive must be more than dimension c,
shown in the drawing at right, to obtain the correct
bonding strength.
The chip's electrode thickness and land thickness must
also be taken into consideration.
2. Low viscosity adhesive can cause chips to slip after
mounting. The adhesive must have a viscosity of
5000Pa • s (500ps) min. (at 25
°C).
3. Adhesive Coverage
Land
Adhesive
Board
Chip Capacitor
a
b
c
c=50 to 105
µm
b=30 to 35
µm
a=20 to 70
µm
GCM18
GCM21
GCM31
0.05mg min.
0.1mg min.
0.15mg min.
Part Number
Adhesive Coverage*
*Nominal Value
3. Adhesive Curing
1. Insufficient curing of the adhesive can cause chips to
disconnect during flow soldering and causes deterioration
in the insulation resistance between the outer electrodes
due to moisture absorption.
Control curing temperature and time in order to prevent
insufficient hardening.
Notice (Soldering and Mounting)
36
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com