Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525IPTSQTP Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC18F2525IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IPTSQTP Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC18F2525IPTSQTP Datasheet HTML 21Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 22Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 23Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 24Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 25Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 26Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 27Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 28Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 23
PIC18F2525/2620/4525/4620
2.0
OSCILLATOR
CONFIGURATIONS
2.1
Oscillator Types
PIC18F2525/2620/4525/4620 devices can be operated
in ten different oscillator modes. The user can program
the Configuration bits, FOSC3:FOSC0, in Configuration
Register 1H to select one of these ten modes:
1.
LP
Low-Power Crystal
2.
XT
Crystal/Resonator
3.
HS
High-Speed Crystal/Resonator
4.
HSPLL High-Speed Crystal/Resonator
with PLL Enabled
5.
RC
External Resistor/Capacitor with
FOSC/4 Output on RA6
6.
RCIO
External Resistor/Capacitor with I/O
on RA6
7.
INTIO1 Internal Oscillator with FOSC/4 Output
on RA6 and I/O on RA7
8.
INTIO2 Internal Oscillator with I/O on RA6
and RA7
9.
EC
External Clock with FOSC/4 Output
10. ECIO
External Clock with I/O on RA6
2.2
Crystal Oscillator/Ceramic
Resonators
In XT, LP, HS or HSPLL Oscillator modes, a crystal or
ceramic resonator is connected to the OSC1 and
OSC2 pins to establish oscillation. Figure 2-1 shows
the pin connections.
The oscillator design requires the use of a parallel cut
crystal.
FIGURE 2-1:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(XT, LP, HS OR HSPLL
CONFIGURATION)
TABLE 2-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS
Note:
Use of a series cut crystal may give a fre-
quency out of the crystal manufacturer’s
specifications.
Typical Capacitor Values Used:
Mode
Freq
OSC1
OSC2
XT
3.58 MHz
4.19 MHz
4 MHz
4 MHz
15 pF
15 pF
30 pF
50 pF
15 pF
15 pF
30 pF
50 pF
Capacitor values are for design guidance only.
Different capacitor values may be required to produce
acceptable oscillator operation. The user should test
the performance of the oscillator over the expected
VDD and temperature range for the application.
See the notes following Table 2-2 for additional
information.
Note 1:
See Table 2-1 and Table 2-2 for initial values of
C1 and C2.
2:
A series resistor (RS) may be required for AT
strip cut crystals.
3:
RF varies with the oscillator mode chosen.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF
(3)
Sleep
To
Logic
PIC18FXXXX
RS(2)
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com