Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525IPTSQTP Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F2525IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IPTSQTP Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F2525IPTSQTP Datasheet HTML 7Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 8Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 9Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 10Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 11Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 12Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 13Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 14Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 9
PIC18F2525/2620/4525/4620
TABLE 1-1:
DEVICE FEATURES
Features
PIC18F2525
PIC18F2620
PIC18F4525
PIC18F4620
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
49152
65536
49152
65536
Program Memory (Instructions)
24576
32768
24576
32768
Data Memory (Bytes)
3968
3968
3968
3968
Data EEPROM Memory (Bytes)
1024
1024
1024
1024
Interrupt Sources
19
19
20
20
I/O Ports
Ports A, B, C, (E)
Ports A, B, C, (E)
Ports A, B, C, D, E
Ports A, B, C, D, E
Timers
4
4
4
4
Capture/Compare/PWM Modules
2
2
1
1
Enhanced Capture/Compare/
PWM Modules
00
1
1
Serial Communications
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
Parallel Communications (PSP)
No
No
Yes
Yes
10-Bit Analog-to-Digital Module
10 Input Channels
10 Input Channels
13 Input Channels
13 Input Channels
Resets (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
Programmable Low-Voltage
Detect
Yes
Yes
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended
Instruction Set
Enabled
75 Instructions;
83 with Extended
Instruction Set
Enabled
75 Instructions;
83 with Extended
Instruction Set
Enabled
75 Instructions;
83 with Extended
Instruction Set
Enabled
Packages
28-Pin SPDIP
28-Pin SOIC
28-Pin SPDIP
28-Pin SOIC
40-Pin PDIP
44-Pin QFN
44-Pin TQFP
40-Pin PDIP
44-Pin QFN
44-Pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com