Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525IPTSQTP Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC18F2525IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IPTSQTP Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC18F2525IPTSQTP Datasheet HTML 79Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 80Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 81Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 82Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 83Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 84Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 85Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 86Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 81
PIC18F2525/2620/4525/4620
REGISTER 7-1:
EECON1: DATA EEPROM CONTROL REGISTER 1
R/W-x
R/W-x
U-0
R/W-0
R/W-x
R/W-0
R/S-0
R/S-0
EEPGD
CFGS
—
FREE
WRERR(1)
WREN
WR
RD
bit 7
bit 0
Legend:
S = Set only bit (cannot be cleared in software)
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
EEPGD: Flash Program or Data EEPROM Memory Select bit
1
= Access Flash program memory
0
= Access data EEPROM memory
bit 6
CFGS: Flash Program/Data EEPROM or Configuration Select bit
1
= Access Configuration registers
0
= Access Flash program or data EEPROM memory
bit 5
Unimplemented: Read as ‘0’
bit 4
FREE: Flash Row Erase Enable bit
1
= Erase the program memory row addressed by TBLPTR on the next WR command (cleared by
completion of erase operation)
0
= Perform write only
bit 3
WRERR: Flash Program/Data EEPROM Error Flag bit(1)
1
= A write operation is prematurely terminated (any Reset during self-timed programming in normal
operation, or an improper write attempt)
0
= The write operation completed
bit 2
WREN: Flash Program/Data EEPROM Write Enable bit
1
= Allows write cycles to Flash program/data EEPROM
0
= Inhibits write cycles to Flash program/data EEPROM
bit 1
WR: Write Control bit
1
= Initiates a data EEPROM erase/write cycle or a program memory erase cycle or write cycle
(The operation is self-timed and the bit is cleared by hardware once write is complete. The WR bit
can only be set (not cleared) in software.)
0
= Write cycle to the EEPROM is complete
bit 0
RD: Read Control bit
1
= Initiates an EEPROM read (Read takes one cycle. RD is cleared in hardware. The RD bit can only
be set (not cleared) in software. RD bit cannot be set when EEPGD = 1 or CFGS = 1.)
0
= Does not initiate an EEPROM read
Note 1:
When a WRERR occurs, the EEPGD and CFGS bits are not cleared. This allows tracing of the error
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com