Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525IPTSQTP Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC18F2525IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IPTSQTP Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC18F2525IPTSQTP Datasheet HTML 102Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 103Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 104Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 105Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 106Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 107Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 108Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 109Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 104
© 2008 Microchip Technology Inc.
REGISTER 9-1:
TRISE REGISTER (40/44-PIN DEVICES ONLY)
R-0
R-0
R/W-0
R/W-0
U-0
R/W-1
R/W-1
R/W-1
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
IBF: Input Buffer Full Status bit
1
= A word has been received and waiting to be read by the CPU
0
= No word has been received
bit 6
OBF: Output Buffer Full Status bit
1
= The output buffer still holds a previously written word
0
= The output buffer has been read
bit 5
IBOV: Input Buffer Overflow Detect bit (in Microprocessor mode)
1
= A write occurred when a previously input word has not been read (must be cleared in software)
0
= No overflow occurred
bit 4
PSPMODE: Parallel Slave Port Mode Select bit
1
= Parallel Slave Port mode
0
= General purpose I/O mode
bit 3
Unimplemented: Read as ‘0’
bit 2
TRISE2: RE2 Direction Control bit
1
= Input
0
= Output
bit 1
TRISE1: RE1 Direction Control bit
1
= Input
0
= Output
bit 0
TRISE0: RE0 Direction Control bit
1
= Input
0
= Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com