Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525IPTSQTP Datasheet(PDF) 176 Page - Microchip Technology

Part # PIC18F2525IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IPTSQTP Datasheet(HTML) 176 Page - Microchip Technology

Back Button PIC18F2525IPTSQTP Datasheet HTML 172Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 173Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 174Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 175Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 176Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 177Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 178Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 179Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 174
© 2008 Microchip Technology Inc.
17.4.2
OPERATION
The MSSP module functions are enabled by setting
MSSP Enable bit, SSPEN (SSPCON1<5>).
The SSPCON1 register allows control of the I2C
operation. Four mode selection bits (SSPCON1<3:0>)
allow one of the following I2C modes to be selected:
•I2C Master mode clock
•I2C Slave mode (7-bit address)
•I2C Slave mode (10-bit address)
•I2C Slave mode (7-bit address) with Start and
Stop bit interrupts enabled
•I2C Slave mode (10-bit address) with Start and
Stop bit interrupts enabled
•I2C Firmware Controlled Master mode, slave is Idle
Selection of any I2C mode with the SSPEN bit set,
forces the SCL and SDA pins to be open-drain,
provided these pins are programmed to inputs by
setting the appropriate TRISC bits. To ensure proper
operation of the module, pull-up resistors must be
provided externally to the SCL and SDA pins.
17.4.3
SLAVE MODE
In Slave mode, the SCL and SDA pins must be config-
ured as inputs (TRISC<4:3> set). The MSSP module
will override the input state with the output data when
required (slave-transmitter).
The I2C Slave mode hardware will always generate an
interrupt on an address match. Through the mode
select bits, the user can also choose to interrupt on
Start and Stop bits
When an address is matched, or the data transfer after
an address match is received, the hardware auto-
matically will generate the Acknowledge (ACK) pulse
and load the SSPBUF register with the received value
currently in the SSPSR register.
Any combination of the following conditions will cause
the MSSP module not to give this ACK pulse:
• The Buffer Full bit, BF (SSPSTAT<0>), was set
before the transfer was received.
• The overflow bit, SSPOV (SSPCON1<6>), was
set before the transfer was received.
In this case, the SSPSR register value is not loaded
into the SSPBUF, but bit, SSPIF (PIR1<3>), is set. The
BF bit is cleared by reading the SSPBUF register, while
bit, SSPOV, is cleared through software.
The SCL clock input must have a minimum high and
low for proper operation. The high and low times of the
I2C specification, as well as the requirement of the
MSSP module, are shown in timing parameter 100 and
parameter 101.
17.4.3.1
Addressing
Once the MSSP module has been enabled, it waits for
a Start condition to occur. Following the Start condition,
the 8 bits are shifted into the SSPSR register. All incom-
ing bits are sampled with the rising edge of the clock
(SCL) line. The value of register SSPSR<7:1> is
compared to the value of the SSPADD register. The
address is compared on the falling edge of the eighth
clock (SCL) pulse. If the addresses match and the BF
and SSPOV bits are clear, the following events occur:
1.
The SSPSR register value is loaded into the
SSPBUF register.
2.
The Buffer Full bit, BF, is set.
3.
An ACK pulse is generated.
4.
MSSP Interrupt Flag bit, SSPIF (PIR1<3>), is
set (interrupt is generated, if enabled) on the
falling edge of the ninth SCL pulse.
In 10-Bit Addressing mode, two address bytes need to
be received by the slave. The five Most Significant bits
(MSbs) of the first address byte specify if this is a 10-bit
address. Bit R/W (SSPSTAT<2>) must specify a write
so the slave device will receive the second address
byte. For a 10-bit address, the first byte would equal
‘11110
A9
A8
0
’, where ‘A9’ and ‘A8’ are the
two MSbs of the address. The sequence of events for
10-bit addressing is as follows, with steps 7 through 9
for the slave-transmitter:
1.
Receive first (high) byte of address (bits SSPIF,
BF and UA (SSPSTAT<1>) are set).
2.
Update the SSPADD register with second (low)
byte of address (clears bit, UA, and releases the
SCL line).
3.
Read the SSPBUF register (clears bit, BF) and
clear flag bit, SSPIF.
4.
Receive second (low) byte of address (bits,
SSPIF, BF and UA, are set).
5.
Update the SSPADD register with the first (high)
byte of address. If match releases SCL line, this
will clear bit, UA.
6.
Read the SSPBUF register (clears bit, BF) and
clear flag bit, SSPIF.
7.
Receive Repeated Start condition.
8.
Receive first (high) byte of address (bits, SSPIF
and BF, are set).
9.
Read the SSPBUF register (clears bit, BF) and
clear flag bit, SSPIF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com