Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8548EPXATHB Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC8548EPXATHB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548EPXATHB Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC8548EPXATHB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
23
DDR and DDR2 SDRAM
6.2.2
DDR SDRAM Output AC Timing Specifications
Table 19. DDR SDRAM Output AC Timing Specifications
At recommended operating conditions.
Parameter
Symbol1
Min
Max
Unit
Notes
MCK[n] cycle time, MCK[n]/MCK[n] crossing
tMCK
3.75
6
ns
2
ADDR/CMD output setup with respect to MCK
533 MHz
400 MHz
333 MHz
tDDKHAS
1.48
1.95
2.40
—
—
—
ns
3
ADDR/CMD output hold with respect to MCK
533 MHz
400 MHz
333 MHz
tDDKHAX
1.48
1.95
2.40
—
—
—
ns
3
MCS[n] output setup with respect to MCK
533 MHz
400 MHz
333 MHz
tDDKHCS
1.48
1.95
2.40
—
—
—
ns
3
MCS[n] output hold with respect to MCK
533 MHz
400 MHz
333 MHz
tDDKHCX
1.48
1.95
2.40
—
—
—
ns
3
MCK to MDQS Skew
tDDKHMH
–0.6
0.6
ns
4
MDQ/MECC/MDM output setup with respect
to MDQS
533 MHz
400 MHz
333 MHz
tDDKHDS,
tDDKLDS
538
700
900
—
—
—
ps
5
MDQ/MECC/MDM output hold with respect to
MDQS
533 MHz
400 MHz
333 MHz
tDDKHDX,
tDDKLDX
538
700
900
—
—
—
ps
5
MDQS preamble start
tDDKHMP
–0.5
 t
MCK – 0.6
–0.5
 t
MCK + 0.6
ns
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com