Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8548EPXATHB Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8548EPXATHB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548EPXATHB Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8548EPXATHB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
56
Freescale Semiconductor
I2C
13 I2C
This section describes the DC and AC electrical characteristics for the I2C interfaces of the device.
13.1
I2C DC Electrical Characteristics
This table provides the DC electrical characteristics for the I2C interfaces.
13.2
I2C AC Electrical Specifications
This table provides the AC timing parameters for the I2C interfaces.
Table 45. I2C DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage level
VIH
0.7
 OV
DD
OVDD +0.3
V
—
Input low voltage level
VIL
–0.3
0.3
 OV
DD
V—
Low level output voltage
VOL
00.2
 OV
DD
V1
Pulse width of spikes which must be suppressed by the
input filter
tI2KHKL
050
ns
2
Input current each I/O pin (input voltage is between
0.1
 OV
DD and 0.9  OVDD(max)
II
–10
10
A3
Capacitance for each I/O pin
CI
—10
pF
—
Notes:
1. Output voltage (open drain or open collector) condition = 3 mA sink current.
2. See the MPC8548E PowerQUICC™ III Integrated Processor Family Reference Manual, for information on the digital filter
used.
3. I/O pins obstruct the SDA and SCL lines if OVDD is switched off.
Table 46. I2C AC Electrical Specifications
Parameter
Symbol1
Min
Max
Unit
Notes
SCL clock frequency
fI2C
0400
kHz
—
Low period of the SCL clock
tI2CL
1.3
—
s4
High period of the SCL clock
tI2CH
0.6
—
s4
Setup time for a repeated START condition
tI2SVKH
0.6
—
s4
Hold time (repeated) START condition (after this period,
the first clock pulse is generated)
tI2SXKL
0.6
—
s4
Data setup time
tI2DVKH
100
—
ns
4
Data input hold time:
CBUS compatible masters
I2C bus devices
tI2DXKL
—
0
—
—
s2
Data output delay time:
tI2OVKL
—0.9
—
3
Set-up time for STOP condition
tI2PVKH
0.6
—
s—
Bus free time between a STOP and START condition
tI2KHDX
1.3
—
s—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com