Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8548EPXATHB Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8548EPXATHB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548EPXATHB Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8548EPXATHB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8548EPXATHB Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
15
Power Characteristics
3
Power Characteristics
The estimated typical power dissipation for the core complex bus (CCB) versus the core frequency for this
family of PowerQUICC III devices is shown in the following table.
Table 4. Device Power Dissipation
CCB Frequency1
Core Frequency
SLEEP2
Typical-653
Typical-1054
Maximum5
Unit
400
800
2.7
4.6
7.5
8.1
W
1000
2.7
5.0
7.9
8.5
W
1200
2.7
5.4
8.3
8.9
500
1500
11.5
13.6
16.5
18.6
W
533
1333
6.2
7.9
10.8
12.8
W
Notes:
1. CCB frequency is the SoC platform frequency, which corresponds to the DDR data rate.
2. SLEEP is based on VDD = 1.1 V, Tj = 65C.
3. Typical-65 is based on VDD = 1.1 V, Tj = 65C, running Dhrystone.
4. Typical-105 is based on VDD = 1.1 V, Tj = 105C, running Dhrystone.
5. Maximum is based on VDD = 1.1 V, Tj = 105C, running a smoke test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com