Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12LF1501T-EMCSQTP Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC12LF1501T-EMCSQTP
Description  8-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1501T-EMCSQTP Datasheet(HTML) 4 Page - Microchip Technology

  PIC12LF1501T-EMCSQTP Datasheet HTML 1Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 2Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 3Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 4Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 5Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 6Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 7Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 8Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 278 page
background image
PIC12(L)F1501
DS41615A-page 4
Preliminary
 2011 Microchip Technology Inc.
Peripheral Features (Continued):
• Numerically Controlled Oscillator (NCO):
- 20-bit accumulator
- 16-bit increment
- True linear frequency control
- High-speed clock input
- Selectable Output modes:
- Fixed Duty Cycle (FDC) mode
- Pulse Frequency (PF) mode
• Complementary Waveform Generator (CWG):
- 8 selectable signal sources
- Selectable falling and rising edge dead-band
control
- Polarity control
- 4 auto-shutdown sources
- Multiple input sources: PWM, CLC, NCO
PIC12(L)F1501/PIC16(L)F150X Family Types
Device
PIC12(L)F1501 (1) 1024
64
6
4
1
1
2/1
4
—
—
1
2
1
H
—
PIC16(L)F1503 (2) 2048
128
12
8
2
1
2/1
4
—
1
1
2
1
H
—
PIC16(L)F1507 (3) 2048
128
18 12 —
—
2/1
4
—
—
1
2
1
H
—
PIC16(L)F1508 (4) 4096
256
18 12
2
1
2/1
4
1
1
1
4
1
I/H
Y
PIC16(L)F1509 (4) 8192
512
18 12
2
1
2/1
4
1
1
1
4
1
I/H
Y
Note 1: I - Debugging, Integrated on Chip; H - Debugging, Requires Debug Header.
2: One pin is input-only.
Data Sheet Index: (Unshaded devices are described in this document.)
1: Future Product
PIC12(L)F1501 Data Sheet, 8-Pin Flash, 8-bit Microcontrollers.
2: DS41607
PIC16(L)F1503 Data Sheet, 14-Pin Flash, 8-bit Microcontrollers.
3: DS41586
PIC16(L)F1507 Data Sheet, 20-Pin Flash, 8-bit Microcontrollers.
4: DS41609
PIC16(L)F1508/1509 Data Sheet, 20-Pin Flash, 8-bit Microcontrollers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com