Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12LF1501T-EMCSQTP Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC12LF1501T-EMCSQTP
Description  8-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1501T-EMCSQTP Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC12LF1501T-EMCSQTP Datasheet HTML 85Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 86Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 87Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 88Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 89Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 90Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 91Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 92Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 278 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41615A-page 89
PIC12(L)F1501
10.2.4
WRITING TO FLASH PROGRAM
MEMORY
Program memory is programmed using the following
steps:
1.
Load the address in PMADRH:PMADRL of the
row to be programmed.
2.
Load each write latch with data.
3.
Initiate a programming operation.
4.
Repeat steps 1 through 3 until all data is written.
Before writing to program memory, the word(s) to be
written must be erased or previously unwritten. Pro-
gram memory can only be erased one row at a time. No
automatic erase occurs upon the initiation of the write.
Program memory can be written one or more words at
a time. The maximum number of words written at one
time is equal to the number of write latches. See
Figure 10-5 (row writes to program memory with 16
write latches) for more details.
The write latches are aligned to the Flash row address
boundary
defined
by
the
upper
11-bits
of
PMADRH:PMADRL, (PMADRH<6:0>:PMADRL<7:4>)
with the lower 4-bits of PMADRL, (PMADRL<3:0>)
determining the write latch being loaded. Write opera-
tions do not cross these boundaries. At the completion
of a program memory write operation, the data in the
write latches is reset to contain 0x3FFF.
The following steps should be completed to load the
write latches and program a row of program memory.
These steps are divided into two parts. First, each write
latch is loaded with data from the PMDATH:PMDATL
using the unlock sequence with LWLO = 1. When the
last word to be loaded into the write latch is ready, the
LWLO bit is cleared and the unlock sequence
executed. This initiates the programming operation,
writing all the latches into Flash program memory.
1.
Set the WREN bit of the PMCON1 register.
2.
Clear the CFGS bit of the PMCON1 register.
3.
Set the LWLO bit of the PMCON1 register.
When the LWLO bit of the PMCON1 register is
‘1’, the write sequence will only load the write
latches and will not initiate the write to Flash
program memory.
4.
Load the PMADRH:PMADRL register pair with
the address of the location to be written.
5.
Load the PMDATH:PMDATL register pair with
the program memory data to be written.
6.
Execute the unlock sequence (Section 10.2.2
“Flash Memory Unlock Sequence”). The write
latch is now loaded.
7.
Increment the PMADRH:PMADRL register pair
to point to the next location.
8.
Repeat steps 5 through 7 until all but the last
write latch has been loaded.
9.
Clear the LWLO bit of the PMCON1 register.
When the LWLO bit of the PMCON1 register is
‘0’, the write sequence will initiate the write to
Flash program memory.
10. Load the PMDATH:PMDATL register pair with
the program memory data to be written.
11. Execute the unlock sequence (Section 10.2.2
“Flash Memory Unlock Sequence”). The
entire program memory latch content is now
written to Flash program memory.
An example of the complete write sequence is shown in
Example 10-3. The initial address is loaded into the
PMADRH:PMADRL register pair; the data is loaded
using indirect addressing.
Note:
The special unlock sequence is required
to load a write latch with data or initiate a
Flash programming operation. If the
unlock sequence is interrupted, writing to
the latches or program memory will not be
initiated.
Note:
The program memory write latches are
reset to the blank state (0x3FFF) at the
completion of every write or erase
operation. As a result, it is not necessary
to load all the program memory write
latches. Unloaded latches will remain in
the blank state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com