Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12LF1501T-EMCSQTP Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC12LF1501T-EMCSQTP
Description  8-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1501T-EMCSQTP Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC12LF1501T-EMCSQTP Datasheet HTML 65Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 66Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 67Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 68Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 69Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 70Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 71Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 72Page - Microchip Technology PIC12LF1501T-EMCSQTP Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 278 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41615A-page 69
PIC12(L)F1501
7.6.4
PIE3 REGISTER
The PIE3 register contains the interrupt enable bits, as
shown in Register 7-4.
Note:
Bit PEIE of the INTCON register must be
set to enable any peripheral interrupt.
REGISTER 7-4:
PIE3: PERIPHERAL INTERRUPT ENABLE REGISTER 3
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0/0
R/W-0/0
—
—
—
—
—
—
CLC2IE
CLC1IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-2
Unimplemented: Read as ‘0’
bit 1
CLC2IE: Configurable Logic Block 2 Interrupt Enable bit
1 = Enables the CLC 2 interrupt
0 = Disables the CLC 2 interrupt
bit 0
CLC1IE: Configurable Logic Block 1 Interrupt Enable bit
1 = Enables the CLC 1 interrupt
0 = Disables the CLC 1 interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com