Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESSQTP Datasheet(PDF) 199 Page - Microchip Technology

Part # PIC16F1512T-ESSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESSQTP Datasheet(HTML) 199 Page - Microchip Technology

Back Button PIC16F1512T-ESSQTP Datasheet HTML 195Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 196Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 197Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 198Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 199Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 200Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 201Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 202Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 348 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41624B-page 199
PIC16(L)F1512/3
20.5.2
SLAVE RECEPTION
When the R/W bit of a matching received address byte
is clear, the R/W bit of the SSPSTAT register is cleared.
The received address is loaded into the SSPBUF
register and Acknowledged.
When the overflow condition exists for a received
address, then not Acknowledge is given. An overflow
condition is defined as either bit BF bit of the SSPSTAT
register is set, or bit SSPOV bit of the SSPCON1
register is set. The BOEN bit of the SSPCON3 register
modifies this operation. For more information see
Register 20-4.
An MSSP interrupt is generated for each transferred
data byte. Flag bit, SSPIF, must be cleared by software.
When the SEN bit of the SSPCON2 register is set, SCL
will be held low (clock stretch) following each received
byte. The clock must be released by setting the CKP
bit of the SSPCON1 register, except sometimes in
10-bit mode. See Section 20.2.3 “SPI Master Mode”
for more detail.
20.5.2.1
7-bit Addressing Reception
This section describes a standard sequence of events
for the MSSP module configured as an I2C Slave in
7-bit Addressing mode. Figure 20-14 and Figure 20-15
are used as visual references for this description.
This is a step by step process of what typically must
be done to accomplish I2C communication.
1.
Start bit detected.
2.
S bit of SSPSTAT is set; SSPIF is set if interrupt
on Start detect is enabled.
3.
Matching address with R/W bit clear is received.
4.
The slave pulls SDA low sending an ACK to the
master, and sets SSPIF bit.
5.
Software clears the SSPIF bit.
6.
Software reads received address from SSPBUF
clearing the BF flag.
7.
If SEN = 1; Slave software sets CKP bit to
release the SCL line.
8.
The master clocks out a data byte.
9.
Slave drives SDA low sending an ACK to the
master, and sets SSPIF bit.
10. Software clears SSPIF.
11. Software reads the received byte from SSPBUF
clearing BF.
12. Steps 8-12 are repeated for all received bytes
from the master.
13. Master sends Stop condition, setting P bit of
SSPSTAT, and the bus goes Idle.
20.5.2.2
7-bit Reception with AHEN and
DHEN
Slave device reception with AHEN and DHEN set
operate the same as without these options with extra
interrupts and clock stretching added after the 8th
falling edge of SCL. These additional interrupts allow
the slave software to decide whether it wants to ACK
the receive address or data byte, rather than the
hardware. This functionality adds support for PMBus™
that was not present on previous versions of this
module.
This list describes the steps that need to be taken by
slave software to use these options for I2C communi
cation. Figure 20-16 displays a module using both
address and data holding. Figure 20-17 includes the
operation with the SEN bit of the SSPCON2 register
set.
1.
S bit of SSPSTAT is set; SSPIF is set if interrupt
on Start detect is enabled.
2.
Matching address with R/W bit clear is clocked
in. SSPIF is set and CKP cleared after the 8th
falling edge of SCL.
3.
Slave clears the SSPIF.
4.
Slave can look at the ACKTIM bit of the
SSPCON3 register to determine if the SSPIF
was after or before the ACK.
5.
Slave reads the address value from SSPBUF,
clearing the BF flag.
6.
Slave sets ACK value clocked out to the master
by setting ACKDT.
7.
Slave releases the clock by setting CKP.
8.
SSPIF is set after an ACK, not after a NACK.
9.
If SEN = 1 the slave hardware will stretch the
clock after the ACK.
10. Slave clears SSPIF.
11. SSPIF set and CKP cleared after 8th falling
edge of SCL for a received data byte.
12. Slave looks at ACKTIM bit of SSPCON3 to
determine the source of the interrupt.
13. Slave reads the received data from SSPBUF
clearing BF.
14. Steps 7-14 are the same for each received data
byte.
15. Communication is ended by either the slave
sending an ACK = 1, or the master sending a
Stop condition. If a Stop is sent and Interrupt on
Stop Detect is disabled, the slave will only know
by polling the P bit of the SSPSTAT register.
Note:
SSPIF is still set after the 9th falling edge of
SCL even if there is no clock stretching and
BF has been cleared. Only if NACK is sent
to master is SSPIF not set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com