Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESSQTP Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC16F1512T-ESSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESSQTP Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC16F1512T-ESSQTP Datasheet HTML 22Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 23Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 24Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 25Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 26Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 27Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 28Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 29Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 348 page
background image
PIC16(L)F1512/3
DS41624B-page 26
Preliminary
 2012 Microchip Technology Inc.
3.2.7
SPECIAL FUNCTION REGISTERS
SUMMARY
The Special Function Registers are listed in Table 3-9.
TABLE 3-9:
SPECIAL FUNCTION REGISTER SUMMARY
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Bank 0
00Ch PORTA
PORTA Data Latch when written: PORTA pins when read
xxxx xxxx uuuu uuuu
00Dh PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx uuuu uuuu
00Eh PORTC
PORTC Data Latch when written: PORTC pins when read
xxxx xxxx uuuu uuuu
00Fh —
Unimplemented
—
—
010h PORTE
—
—
—
—RE3
—
—
—
---- x--- ---- u---
011h PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000 0000 0000
012h PIR2
OSFIF
—
—
—BCLIF
—
—
CCP2IF
0--- 0--0 0--- 0--0
013h —
Unimplemented
—
—
014h —
Unimplemented
—
—
015h TMR0
Timer0 Module Register
xxxx xxxx uuuu uuuu
016h TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
017h TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
018h T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—TMR1ON 0000 00-0 uuuu uu-u
019h T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
0000 0x00 uuuu uxuu
01Ah TMR2
Timer 2 Module Register
0000 0000 0000 0000
01Bh PR2
Timer 2 Period Register
1111 1111 1111 1111
01Ch T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
-000 0000 -000 0000
01Dh —
Unimplemented
—
—
01Eh —
Unimplemented
—
—
01Fh —
Unimplemented
—
—
Bank 1
08Ch TRISA
PORTA Data Direction Register
1111 1111 1111 1111
08Dh TRISB
PORTB Data Direction Register
1111 1111 1111 1111
08Eh TRISC
PORTC Data Direction Register
1111 1111 1111 1111
08Fh —
Unimplemented
—
—
090h TRISE
—
—
—
—
—(2)
—
—
—
---- 1--- ---- 1---
091h PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE 0000 0000 0000 0000
092h PIE2
OSFIE
—
—
—BCLIE
—
—
CCP2IE
0--- 0--0 0--- 0--0
093h —
Unimplemented
—
—
094h —
Unimplemented
—
—
095h OPTION_REG
WPUEN
INTEDG
TMR0CS
TMR0SE
PSA
PS<2:0>
1111 1111 1111 1111
096h PCON
STKOVF
STKUNF
—RWDT
RMCLR
RI
POR
BOR
00-1 11qq qq-q qquu
097h WDTCON
—
—
WDTPS<4:0>
SWDTEN --01 0110 --01 0110
098h —
Unimplemented
—
—
099h OSCCON
—
IRCF<3:0>
—SCS<1:0>
-011 1-00 -011 1-00
09Ah OSCSTAT
SOSCR
—OSTS
HFIOFR
—
—
LFIOFR
HFIOFS 0-q0 --00 q-qq --0q
09Bh ADRES0L(3)
A/D Result Register Low
xxxx xxxx uuuu uuuu
09Ch ADRES0H(3)
A/D Result Register High
xxxx xxxx uuuu uuuu
09Dh ADCON0(3)
—CHS<4:0>
GO/DONE
ADON
-000 0000 -000 0000
09Eh ADCON1(3)
ADFM
ADCS<2:0>
—
—
ADPREF<1:0>
0000 --00 0000 --00
09Fh —
Unimplemented
—
—
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1512/3 only.
2:
Unimplemented, read as ‘1’.
3:
This register is available in Bank 1 and Bank 14 under similar register names. See Section 16.5.1 “ADC Register Mapping”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com