Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESSQTP Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16F1512T-ESSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESSQTP Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16F1512T-ESSQTP Datasheet HTML 24Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 25Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 26Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 27Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 28Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 29Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 30Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 31Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 348 page
background image
PIC16(L)F1512/3
DS41624B-page 28
Preliminary
 2012 Microchip Technology Inc.
Bank 4
20Ch —
Unimplemented
—
—
20Dh WPUB
WPUB7
WPUB6
WPUB5
WPUB4
WPUB3
WPUB2
WPUB1
WPUB0
1111 1111 1111 1111
20Eh —
Unimplemented
—
—
20Fh —
Unimplemented
—
—
210h WPUE
—
—
—
—
WPUE3
—
—
—
---- 1--- ---- 1---
211h SSP1BUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx uuuu uuuu
212h SSP1ADD
Synchronous Serial Port (I2C™ mode) Address Register
0000 0000 0000 0000
213h SSP1MSK
Synchronous Serial Port (I2C™ mode) Address Mask Register
1111 1111 1111 1111
214h SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000 0000 0000
215h SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
0000 0000 0000 0000
216h SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000 0000 0000
217h SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000 0000 0000
218h
to
21Fh
—
Unimplemented
—
—
Bank 5
28Ch
to
290h
—
Unimplemented
—
—
291h CCPR1L
Capture/Compare/PWM Register 1 (LSB)
xxxx xxxx uuuu uuuu
292h CCPR1H
Capture/Compare/PWM Register 1 (MSB)
xxxx xxxx uuuu uuuu
293h CCP1CON
—
—
DC1B<1:0>
CCP1M<3:0>
--00 0000 --00 0000
294h
to
297h
—
Unimplemented
—
—
298h CCPR2L
Capture/Compare/PWM Register 2 (LSB)
xxxx xxxx uuuu uuuu
299h CCPR2H
Capture/Compare/PWM Register 2 (MSB)
xxxx xxxx uuuu uuuu
29Ah CCP2CON
—
—
DC2B<1:0>
CCP2M<3:0>
--00 0000 --00 0000
29Bh
to
29Fh
—
Unimplemented
—
—
Bank 6
30Ch
to
31Fh
—
Unimplemented
—
—
Bank 7
38Ch
to
393h
—
Unimplemented
—
—
394h IOCBP
IOCBP<7:0>
0000 0000 0000 0000
395h IOCBN
IOCBN<7:0>
0000 0000 0000 0000
396h IOCBF
IOCBF<7:0>
0000 0000 0000 0000
397h
to
39Fh
—
Unimplemented
—
—
Bank 8-13
x0Ch
or
x8Ch
to
x1Fh
or
x9Fh
—
Unimplemented
—
—
TABLE 3-9:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1512/3 only.
2:
Unimplemented, read as ‘1’.
3:
This register is available in Bank 1 and Bank 14 under similar register names. See Section 16.5.1 “ADC Register Mapping”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com