Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESSQTP Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16F1512T-ESSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESSQTP Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16F1512T-ESSQTP Datasheet HTML 25Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 26Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 27Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 28Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 29Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 30Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 31Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 32Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 348 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41624B-page 29
PIC16(L)F1512/3
Bank 14
70ch
to
710h
—
Unimplemented
—
—
711h AADCON0(3)
—CHS<4:0>
GO/DONE
ADON
-000 0000 -000 0000
712h AADCON1(3)
ADFM
ADCS<2:0>
—
—
ADPREF<1:0>
0000 --00 0000 --00
713h AADCON2
—TRIGSEL<2:0>
—
—
—
—
-000 ---- -000 ----
714h AADCON3
ADEPPOL ADIPPOL
ADOLEN
ADOEN
ADOOEN
—
ADIPEN
ADDSEN 0000 0-00 0000 0-00
715h AADSTAT
—
—
—
—
—
ADCONV
ADSTG<1:0>
---- -000 ---- -000
716h AADPRE
—
ADPRE<6:0>
-000 0000 -000 0000
717h AADACQ
—
ADACQ<6:0>
-000 0000 -000 0000
718h AADGRD
GRDBOE GRDAOE GRDPOL
—
—
—
—
—
000- ---- 000- ----
719h AADCAP
—
—
—
—
—
ADDCAP<2:0>
---- -000 ---- -000
71Ah AADRES0L(3)
A/D Result 0 Register Low
xxxx xxxx uuuu uuuu
71Bh AADRES0H(3)
A/D Result 0 Register High
xxxx xxxx uuuu uuuu
71Ch AADRES1L
A/D Result 1 Register Low
xxxx xxxx uuuu uuuu
71Dh AADRES1H
A/D Result 1 Register High
xxxx xxxx uuuu uuuu
71Eh —
Unimplemented
—
—
Bank 15-30
x0Ch
or
x8Ch
to
x1Fh
or
x9Fh
—
Unimplemented
—
—
Bank 31
F8Ch
to
FE3h
—
Unimplemented
—
—
FE4h STATUS_SHAD
—
—
—
—
—Z
DC
C
---- -xxx ---- -uuu
FE5h WREG_SHAD
Working Register Shadow
xxxx xxxx uuuu uuuu
FE6h BSR_SHAD
—
—
—
Bank Select Register Shadow
---x xxxx ---u uuuu
FE7h PCLATH_SHAD
—
Program Counter Latch High Register Shadow
-xxx xxxx uuuu uuuu
FE8h FSR0L_SHAD
Indirect Data Memory Address 0 Low Pointer Shadow
xxxx xxxx uuuu uuuu
FE9h FSR0H_SHAD
Indirect Data Memory Address 0 High Pointer Shadow
xxxx xxxx uuuu uuuu
FEAh FSR1L_SHAD
Indirect Data Memory Address 1 Low Pointer Shadow
xxxx xxxx uuuu uuuu
FEBh FSR1H_SHAD
Indirect Data Memory Address 1 High Pointer Shadow
xxxx xxxx uuuu uuuu
FECh —
Unimplemented
—
—
FEDh STKPTR
—
—
—
Current Stack Pointer
---1 1111 ---1 1111
FEEh TOSL
Top of Stack Low Byte
xxxx xxxx uuuu uuuu
FEFh TOSH
—
Top of Stack High Byte
-xxx xxxx -uuu uuuu
TABLE 3-9:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F1512/3 only.
2:
Unimplemented, read as ‘1’.
3:
This register is available in Bank 1 and Bank 14 under similar register names. See Section 16.5.1 “ADC Register Mapping”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com