Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESSQTP Datasheet(PDF) 184 Page - Microchip Technology

Part # PIC16F1512T-ESSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESSQTP Datasheet(HTML) 184 Page - Microchip Technology

Back Button PIC16F1512T-ESSQTP Datasheet HTML 180Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 181Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 182Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 183Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 184Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 185Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 186Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 187Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 348 page
background image
PIC16(L)F1512/3
DS41624B-page 184
Preliminary
 2012 Microchip Technology Inc.
The I2C interface supports the following modes and
features:
•Master mode
• Slave mode
• Byte NACKing (Slave mode)
• Limited Multi-master support
• 7-bit and 10-bit addressing
• Start and Stop interrupts
• Interrupt masking
• Clock stretching
• Bus collision detection
• General call address matching
•Address masking
• Address Hold and Data Hold modes
• Selectable SDA hold times
Figure 20-2 is a block diagram of the I2C interface
module in Master mode. Figure 20-3 is a diagram of the
I2C interface module in Slave mode.
FIGURE 20-2:
MSSP BLOCK DIAGRAM (I2C™ MASTER MODE)
Read
Write
SSPSR
Start bit, Stop bit,
Start bit detect,
SSPBUF
Internal
data bus
Set/Reset: S, P, SSPSTAT, WCOL, SSPOV
Shift
Clock
MSb
LSb
SDA
Acknowledge
Generate (SSPCON2)
Stop bit detect
Write collision detect
Clock arbitration
State counter for
end of XMIT/RCV
SCL
SCL in
Bus Collision
SDA in
[SSPM 3:0]
Baud Rate
Reset SEN, PEN (SSPCON2)
Generator
(SSPADD)
Address Match detect
Set SSPIF, BCLIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com