Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7008 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7008
Description  1X/1.5X/2x Charge Pump White LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7008 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7008_12 Datasheet HTML 7Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 8Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 9Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 10Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 11Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 12Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 13Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 14Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APW7008
www.anpec.com.tw
11
VOUT (1V/div)
VIN (1V/div)
ILED (20mA/div)
4 LEDs at 20mA, VF=3.1V
VIN=2.8V to 3.4V
Typical Operating Characteristics (Cont.)
TIME (0.1ms/div)
Line Transient Response in 1.5x to 2x Mode
Pin Description
PIN
NO.
NAME
FUNCTION
1
EN
Enable Input Pin. The EN pin is an active high Control. Pull EN pin above 1.3V to enable the device; pull EN
pin below 0.3V to disable the device.
2
CTRL0
3
CTRL1
4
CTRL2
LED On/Off Control Pin. Allow disabling or enabling a combination of LEDs.
5
ISET
LED Current Set Input. Connect a resistor from ISET to GND to set the LED current. VISET is typically 1.2V.
6
VOUT
Output Voltage Pin. Connect VOUT to the LED anode. Connect a 1
µF capacitor from VOUT to GND.
7
VIN
Supply Voltage Input Pin. Connect a 1
µF capacitor from VIN to GND.
8
C2+
Bucket Capacitor1 Positive Terminal. Connect a 1
µF capacitor from C2+ to C2-.
9
C2-
Bucket Capacitor1 Negative Terminal. Connect a 1
µF capacitor from C2+ to C2-.
10
C1+
Bucket Capacitor1 Positive Terminal. Connect a 1
µF capacitor from C1+ to C1-.
11
C1-
Bucket Capacitor1 Negative Terminal. Connect a 1
µF capacitor from C1+ to C1-.
12
GND
Device Ground Pin.
13
ILED4
14
ILED3
15
ILED2
16
ILED1
LEDs Cathode Connection. The LED current flows from VOUT through LED into ILED_ pin. The charge
pump regulates the lowest VILED to 180mV. Connect ILED_ pin to VOUT if the LED is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com