Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7008 Datasheet(PDF) 16 Page - Anpec Electronics Coropration

Part # APW7008
Description  1X/1.5X/2x Charge Pump White LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7008 Datasheet(HTML) 16 Page - Anpec Electronics Coropration

Back Button APW7008_12 Datasheet HTML 12Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 13Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 14Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 15Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 16Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 17Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 18Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 19Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 20Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APW7008
www.anpec.com.tw
16
Application Information (Cont.)
3. Digital dimming with external NMOS transistors
The third method for dimming the LEDs is to change the
equivalent resistance for RSET with the external NMOS
transistors. The equivalent resistance is the parallel
combinations of the R1, R2, R3, and R4. R4 is always
connected and selected for the minimum LED current.
Figure 5 shows the application circuit.
Figure 5. Digital Dimming Application Circuit
Brightness Control (Cont.)
ISET
5
APW7008
R1
R2
R4
R3
4. PWM dimming with EN pin
Another method for dimming the LEDs is to apply a
PWM signal into the EN pin. The average LED current
is proportional to the PWM signal duty cycle. Note
that the frequency of PWM signal will affect the mini-
mum dimming duty. The recommend dimming fre-
quency is between 100Hz and 1kHz. The average LED
current is calculated by the following equation:
Where:
I
LED(max) is programmed LED current by ISET pin
toff is the off time of the PWM signal
ton is the on time of the PWM signal
Layout Consideration
The APW7008 is a high frequency charge pump for white
LED driver and requires some care when laying out the
printed circuit board. The metal GND pad of the bottom
of the package must be soldered to the PCB and con-
nected to the GND plane on the backside through sev-
eral thermal vias. Place the CIN, COUT, C1, and C2 as
close to IC as possible for reducing the switching noise.
toff
ton
I
ton
I
(max)
LED
)
avg
(
LED
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com