Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APA2613RI-TRG Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA2613RI-TRG
Description  6W Stereo Class-D Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2613RI-TRG Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA2613RI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 15Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 16Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2012
www.anpec.com.tw
13
APA2613
Typical Application Circuit
MONO
LINP 3
AGND 8
VCLAMP 9
NC 13
AVDD 7
28 LPVDD
Right Channel
Input Signal
Gain Setting
APA2613
Shutdown Control
100µF
VDD
27 LPVDD
LINN 4
GAIN0 5
GAIN1 6
PLIMIT 10
RINN 11
RINP 12
MONO 14
15 RPVDD
16 RPVDD
17 RBSP
18 ROUTP
19 PGND
20 ROUTN
21 RBSN
22 LBSN
23 LOUTN
24 PGND
25 LOUTP
26 LBSP
100µF
VDD
1
µF
1
µF
1
µF
1
µF
0.1
µF
0.1
µF
1000pF
1000pF
0.47
µF
0.47
µF
1000pF
1000pF
100k
Ω
(Recommmanded)
10
Ω
BEAD
BEAD
1k
Ω
(Recommmanded)
SD 1
FLAG 2
Stereo
LINP 3
AGND 8
VCLAMP 9
NC 13
FLAG 2
AVDD 7
SD 1
28 LPVDD
1
µF
Left Channel
Input Signal
Right Channel
Input Signal
1
µF
Gain Setting
APA2613
Shutdown Control
100µF
VDD
27 LPVDD
LINN 4
GAIN0 5
GAIN1 6
PLIMIT 10
RINN 11
RINP 12
MONO 14
15 RPVDD
16 RPVDD
17 RBSP
18 ROUTP
19 PGND
20 ROUTN
21 RBSN
22 LBSN
23 LOUTN
24 PGND
25 LOUTP
26 LBSP
100µF
VDD
1
µF
1
µF
1
µF
1
µF
1
µF
0.1
µF
0.1
µF
1000pF
1000pF
0.22
µF
0.22
µF
0.22
µF
0.22
µF
1000pF
1000pF
1000pF
1000pF
100k
Ω
(Recommmanded)
10k
Ω
10k
Ω
BEAD
BEAD
BEAD
BEAD
1k
Ω
(Recommmanded)
29
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com