Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APA2613RI-TRG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA2613RI-TRG
Description  6W Stereo Class-D Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2613RI-TRG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA2613RI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2012
www.anpec.com.tw
5
APA2613
APA2613
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD = 12V TA = 25°
C
THD+N = 1%
FIN=1kHz
RL = 4
Ω
-
9
-
PO
Output Power
THD+N = 10%
FIN=1kHz
RL = 4
Ω
-
12
-
W
THD+N
Total Harmonic Distortion Plus Noise
FIN=1kHz
RL = 4
Ω
PO = 6W
-
0.1
-
%
SNR
Signal-To-Noise Ratio
Maximum output at THD+N<1%,
FIN=1kHz, Gain = 20dB, A-weighted
-
95
-
Attshutdown
Shutdown Attenuation
FIN=1kHz, RL = 8
Ω, V
in = 1Vrms
-
-100
-
dB
VOS
Offset Voltage
AV = 20dB
-
-
15
mV
Vn
Noise Output Voltage
With A-weighted Filter (AV = 20dB)
-
120
-
µV (rms)
Mono Mode
V
DD=12V, GND=0V, AV=36dB, TA= 25
οC (unless otherwise noted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com