Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APA2613RI-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA2613RI-TRG
Description  6W Stereo Class-D Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2613RI-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA2613RI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA2613RI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2012
www.anpec.com.tw
3
APA2613
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
8.0
26.0
SD
2.2
-
VIH
High Level Threshold Voltage
GAIN0, GAIN1, MONO
2.0
-
SD
-
0.8
VIL
Low Level Threshold Voltage
GAIN0, GAIN1, MONO
-
0.8
V
TA
Ambient Temperature Range
-40
85
oC
TJ
Junction Temperature Range
-40
125
oC
RL
Speaker Resistance
3.5
-
Ω
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance -Junction to Ambient
(Note 2)
TSSOP-28P
QFN4x4-28
45
40
θ
JC
Thermal Resistance -Junction to Case
(Note 3)
TSSOP-28P
QFN4x4-28
8
7
οC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of TSSOP-28P is soldered directly on the PCB.
Note 3: The case temperature is measured at the center of the exposed pad on the underside of the TSSOP-28P package.
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (PVDD, AVDD)
-0.3 to 30
Input Voltage ( SD , GAIN0 and GAIN1, MONO and FLAG )
-0.3 to VDD+0.3
PLIMIT
-0.3 to 6.3
VI
LINP, LINN, RINP, RINN
-0.3 to 6.3
V
TJ
Maximum Junction Temperature
150
οC
TSTG
Storage Temperature Range
-65 to +150
TSDR
Soldering Temperature Range, 10 Seconds
260
STEREO Mode : VDD>15V
4.8
STEREO Mode: VDD ≦15V
3.2
RL
MONO mode
3.2
Ω
PD
Power Dissipation
Internally Limited
W
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
(Over operating free-air temperature range unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com